Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5209SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM5209SC
Description  DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM5209SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM5209SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5209SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5209SC - OM5213SC
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum
Maximum
Maximum
Maximum
Type
PIV
Forward
Reverse
Reverse
Thermal
Voltage (1)
Current
Recovery
Resist.
T
j = 25° C
T
j = 100° C
T
j = 25° C
T
j = 100° C
Time (2)
Rq
q
JC
OM5209SC
50
OM5210SC
100
1.2V @ 15A
1.00V @ 15A
20 µA
1.0 mA
35 nsec
2.0
OM5211SC
150
OM5212SC
200
OM5213SC
400 1.45V @ 15A 1.25V @ 15A
20 µA
1.0 mA
50 nsec
1.8
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
(2) Measured in Circuit: I
F = 0.5 A, IR = 1.0 A, IREC = 0.25 A
MECHANICAL OUTLINE
.100 TYP.
.140 TYP.
.035
.025
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.550
.530
.270
.240
.045
.035
.092 MAX.
.005
100
50
30
20
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50 V TO 200 V
TYPICAL FORWARD VOLTAGE
OM5209, 5210, 5211, 5212, 5213
T
J = 150°C
TYPICAL REVERSE CURRENT
OM5209, 5210, 5211, 5212, 5213
V
R = REVERSE VOLTAGE (VOLTS)
25°C
100°C
V
F = REVERSE VOLTAGE (VOLTS)
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
25°C
100°C
T
J = 150°C


Similar Part No. - OM5209SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5209SC ETC1-OM5209SC Datasheet
23Kb / 2P
   DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
logo
International Rectifier
OM5209SC IRF-OM5209SC Datasheet
23Kb / 2P
   15 Amp, 50 To 400 Volts, 35 To 50 ns trr
OM5209SC IRF-OM5209SC_15 Datasheet
23Kb / 2P
   15 Amp, 50 To 400 Volts, 35 To 50 ns trr
More results

Similar Description - OM5209SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5209SC ETC1-OM5209SC Datasheet
23Kb / 2P
   DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
logo
Micropac Industries
53252 MICROPAC-53252 Datasheet
60Kb / 6P
   8-Pin Dual-In-Line Hermetic Package
logo
Seme LAB
2N2223A SEME-LAB-2N2223A Datasheet
18Kb / 2P
   DUAL NPN TRANSISTOR IN TO77 HERMETIC PACKAGE
logo
International Rectifier
OM7764 IRF-OM7764_13 Datasheet
168Kb / 5P
   Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
logo
Seme LAB
DSS25D-0045-T258 SEME-LAB-DSS25D-0045-T258 Datasheet
12Kb / 1P
   DUAL SCHOTTKY BARRIER DIODE IN A HERMETIC TO258 PACKAGE
logo
Vishay Siliconix
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
logo
Maxim Integrated Produc...
MAX5084 MAXIM-MAX5084 Datasheet
267Kb / 4P
   Ultra Low Dropout, 7.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA
19-3928; Rev 1; 4/06
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
64Kb / 5P
   Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
logo
Micross Components
MYXB21200-20GAB MICROSS-MYXB21200-20GAB Datasheet
365Kb / 4P
   Two devices in one hermetic package
logo
International Rectifier
OM6517SA IRF-OM6517SA_15 Datasheet
38Kb / 2P
   Isolated IGBTs In A Hermetic Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com