Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA112S24RW Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MA112S24RW
Description  MA100RW SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA112S24RW Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MA112S24RW Datasheet HTML 1Page - MicroPower Direct, LLC MA112S24RW Datasheet HTML 2Page - MicroPower Direct, LLC MA112S24RW Datasheet HTML 3Page - MicroPower Direct, LLC MA112S24RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin 1 is marked by a “dot” or indentation on the top of the unit
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Standard Units - Plastic Case
Pin
Single Output
Pin
Dual Output
2-VIN
2-VIN
3-VIN
3-VIN
9
No Pin
9
Common
11
No Connection
11
-VOUT
14
+VOUT
14
+VOUT
16
-VOUT
16
Common
22
+VIN
22
+VIN
23
+VIN
23
+VIN
Pin Connections
s
Standard Units - Metal Case
Mechanical Dimensions
Pin
Single Output
Pin
Dual Output
1+VIN
1+VIN
2
No Connection
2
-VOUT
3
No Connection
3
Common
10
-VOUT
10
Common
11
+VOUT
11
+VOUT
12
-VIN
12
-VIN
13
-VIN
13
-VIN
14
+VOUT
14
+VOUT
15
-VOUT
15
Common
22
No Connection
22
Common
23
No Connection
23
-VOUT
24
+VIN
24
+VIN
Pin Connections
Pin
Single Output
1
+VIN
2
No Connection
Pin Connectio
Alternate Pin-Out Units - Plastic Case
Pin
Dual Output
1
+VIN
2
VOUT
Alternate Pin-Out Units - Metal Case
For the alternate pin-out, add suffix “P2” to model number
(i.e. MA124S-05RW-P2)


Similar Part No. - MA112S24RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA112S-05RWI MPD-MA112S-05RWI Datasheet
1Mb / 4P
   MA100RWI SERIES
MA112S-09RWI MPD-MA112S-09RWI Datasheet
1Mb / 4P
   MA100RWI SERIES
MA112S-12RWI MPD-MA112S-12RWI Datasheet
1Mb / 4P
   MA100RWI SERIES
MA112S-15RWI MPD-MA112S-15RWI Datasheet
1Mb / 4P
   MA100RWI SERIES
MA112S-24RWI MPD-MA112S-24RWI Datasheet
1Mb / 4P
   MA100RWI SERIES
More results

Similar Description - MA112S24RW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com