Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2565L-1-V-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2565L-1-V-A
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2565L-1-V-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS2565L-1-V-A Datasheet HTML 1Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 2Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 3Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 4Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 5Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 6Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 7Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 8Page - California Eastern Labs PS2565L-1-V-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet PN10236EJ05V0DS
4
PS2565-1,PS2565L-1,PS2565L1-1,PS2565L2-1
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2565-1
PS2565-1-A
Pb-Free
Magazine case 100 pcs
Standard products
PS2565-1
PS2565L-1
PS2565L-1-A
(UL, CSA, BSI,
PS2565L1-1
PS2565L1-1-A
SEMKO, NEMKO,
PS2565L2-1
PS2565L2-1-A
DEMKO, FIMKO
PS2565L-1-F3
PS2565L-1-F3-A
Embossed Tape 2 000
pcs/reel
approved)
PS2565L2-1-E3
PS2565L2-1-E3-A
Embossed Tape 1 000
pcs/reel
PS2565-1-V
PS2565-1-V-A
Magazine case 100 pcs
DIN EN60747-5-2
PS2565L-1-V
PS2565L-1-V-A
(VDE0884 Part2)
PS2565L1-1-V
PS2565L1-1-V-A
approved products
PS2565L2-1-V
PS2565L2-1-V-A
(option)
PS2565L-1-V-F3
PS2565L-1-V-F3-A
Embossed Tape 2 000
pcs/reel
PS2565L2-1-V-E3
PS2565L2-1-V-E3-A
Embossed Tape 1 000
pcs/reel
PS2565-1
PS2565-1Y-A
Special version
Magazine case 100 pcs
Standard products
PS2565-1
PS2565L-1
PS2565L-1Y-A
(Pb-Free and
(UL, CSA, BSI,
PS2565L1-1
PS2565L1-1Y-A
Halogen Free)
SEMKO, NEMKO,
PS2565L2-1
PS2565L2-1Y-A
DEMKO, FIMKO
PS2565L-1-F3
PS2565L-1Y-F3-A
Embossed Tape 2 000
pcs/reel
approved)
PS2565L2-1-E3
PS2565L2-1Y-E3-A
Embossed Tape 1 000
pcs/reel
PS2565-1-V
PS2565-1Y-V-A
Magazine case 100 pcs
DIN EN60747-5-2
PS2565L-1-V
PS2565L-1Y-V-A
(VDE0884 Part2)
PS2565L1-1-V
PS2565L1-1Y-V-A
approved products
PS2565L2-1-V
PS2565L2-1Y-V-A
(option)
PS2565L-1-V-F3
PS2565L-1Y-V-F3-A
Embossed Tape 2 000
pcs/reel
PS2565L2-1-V-E3
PS2565L2-1Y-V-E3-A
Embossed Tape 1 000
pcs/reel
*1 For the application of the Safety Standard, following part number should be used.
<R>


Similar Part No. - PS2565L-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565L-1-V-F3 RENESAS-PS2565L-1-V-F3 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2565L-1-V-F3 RENESAS-PS2565L-1-V-F3 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2565L-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com