Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2561DL1-1-V Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS2561DL1-1-V
Description  DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561DL1-1-V Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS2561DL1-1-V Datasheet HTML 4Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 5Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 6Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 7Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 8Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 9Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 10Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 11Page - California Eastern Labs PS2561DL1-1-V Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
Ambient Temperature TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
50
25
0
25
50
75
100
CTR:270%
CTR:130%
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
0.1
1
10
100
10
100
1 000
10 000
tf
tr
td
ts
IC = 2 mA, VCC = 10 V,
CTR = 216%
Frequency f (kHz)
FREQUENCY RESPONSE
RL = 1 k
Ω
300
Ω
100
Ω
IF = 5 mA,
VCE = 5 V
5
0
–5
–10
–15
–20
–25
0.1
1
10
100
1 000
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
1
10
100
1 000
1
10
100
tr
td
ts
tf
IF = 5 mA, VCC = 5 V,
CTR = 216%
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
0
50
150
100
200
250
300
350
400
0.01
0.1
1
10
VCE = 5 V,
n = 5
100
B
C
Sample A
D
E
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10777EJ02V0DS
8
PS2561D-1,PS2561DL-1,PS2561DL1-1,PS2561DL2-1


Similar Part No. - PS2561DL1-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561DL1-1-V NEC-PS2561DL1-1-V Datasheet
127Kb / 13P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561DL1-1-V RENESAS-PS2561DL1-1-V Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561DL1-1-V RENESAS-PS2561DL1-1-V Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561DL1-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com