Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2625 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2625
Description  HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2625 Datasheet(HTML) 4 Page - California Eastern Labs

  PS2625 Datasheet HTML 1Page - California Eastern Labs PS2625 Datasheet HTML 2Page - California Eastern Labs PS2625 Datasheet HTML 3Page - California Eastern Labs PS2625 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PS2625, PS2626, PS2625L, PS2626L
PS2625, PS2626
PIN CONNECTIONS (Units in mm)
OUTLINE DIMENSIONS (Units in mm)
64
1
3
φ 1
2.54
MAX
0.50 ± 0.10
1.34
3.8
MAX
7.62
6.5
0 to 15˚
10.16 MAX
0.25 M
2.54
10.16 MAX
64
13
φ 1
7.62
6.5
0.9± 0.25
9.60 ± 0.4
2.54
MAX
1.34 ± 0.10
0.25 M
2.54
PS2625L, PS2626L
PS2625, PS2625L
PS2626, PS2626L
1. Anode, Cathode
2. Cathode, Anode
3. NC
4. Emitter
5. Collector
6. Base
1. Anode, Cathode
2. Cathode, Anode
3. NC
4. Emitter
5. Collector
6. NC
65
4
12
3
FREQUENCY RESPONSE
Frequency, f (kHz)
330
µF
1 k
50
IC = 2 mA
RL
VCC = 5 V
0
-3
-6
-9
-12
100
1 k
10 k
100 k
RL = 100
500
CTR DEGRADATION
TYPICAL PERFORMANCE CURVES (TA = 25°C)
CTR Test condition
IF = 5 mA, VCE = 5V
0.8
0.6
0.4
0.2
1.0
010
10
10
10
IF = 5 mA
IF = 40 mA
IF =
20 mA
234
5
Time, Hr
65
4
12
3
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - PS2625

ManufacturerPart #DatasheetDescription
logo
NEC
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PS2625 NEC-PS2625 Datasheet
223Kb / 38P
   Optocoupler Applications
logo
California Eastern Labs
PS2625 CEL-PS2625 Datasheet
120Kb / 3P
   Safety Standard Certificate for Photocoupler
logo
NEC
PS2625L NEC-PS2625L Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PS2625L NEC-PS2625L Datasheet
223Kb / 38P
   Optocoupler Applications
More results

Similar Description - PS2625

ManufacturerPart #DatasheetDescription
logo
NEC
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2605 CEL-PS2605 Datasheet
131Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
PS2607 CEL-PS2607 Datasheet
129Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
logo
List of Unclassifed Man...
H11AAX ETC1-H11AAX Datasheet
1Mb / 14P
   6-PIN AC INPUT OPTOCOUPLER
logo
NEC
PS2806 NEC-PS2806 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com