Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC256L1TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT24WC256L1TE13
Description  256K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC256L1TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24WC256L1TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC256L1TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT24WC256
9
Doc. No. 1031, Rev. F
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24WC256KI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel).
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWB). For additional
information, please contact your Catalyst sales office.
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
Prefix
Device #
Suffix
K
I
TE13
Product
Number
Tape & Reel
Package
P: PDIP
K: SOIC (EIAJ)
J: SOIC (JEDEC)
L: PDIP (Lead free, Halogen free)
W: SOIC, JEDEC (Lead free, Halogen free)
X: SOIC, EIAJ (Lead free, Halogen free)
Operating Voltage
Blank: 2.5 to 6.0V
1.8: 1.8 to 6.0V
3: 3.0V to 5.5V
-1.8
24WC256
CAT
Optional
Company ID
Rev B(2)
Die Revision
24WC256: A, B


Similar Part No. - CAT24WC256L1TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J-1.8TE13 CATALYST-CAT24WC257J-1.8TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J3TE13 CATALYST-CAT24WC257J3TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA-1.8TE13 CATALYST-CAT24WC257JA-1.8TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA3TE13 CATALYST-CAT24WC257JA3TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC256L1TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com