Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1024F Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part No. AD1024F
Description  AD1024F Series
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

AD1024F Datasheet(HTML) 1 Page - MicroPower Direct, LLC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AD1024F Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
100
240
VAC
127
370
VDC
Input Frequency
47
63
Hz
Inrush Current, Cold Start
110 VAC
22
A
220 VAC
44
A
Leakage Current
264 VAC
1.8
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
%
Line Regulation
Vin = Min to Max
±1.0
%
Load Regulation (Note 1)
Iout = 20% to 100%
±1.0
%
Hold Time
110 VAC, Full Load
10
mSec
220 VAC, Full Load
20
Ripple & Noise (20 MHz) (Note 2)
See Model Selection Guide
Output Power Protection
Power Limit
130
160
%
Transient Recovery Time (Note 3)
50% Load Change
2mS
Transient Response Deviation
5
%
Temperature Coefficient
±0.02
±0.03
%/ºC
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input - Output
3,000
VAC
Input - FG (Frame Ground)
2,000
Output - FG (Frame Ground)
500
Isolation Resistance (Note 4)
500 VDC
100
M
Switching Frequency
Fixed
66
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-20
+25
+50
ºC
Storage Temperature Range
-20
+85
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
3.54 x 2.54 x 1.77 Inches (90.0 x 64.5 x 44.0 mm)
Case Material
Plastic
Connection
Screw Terminal
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
170
kHours
Safety Standards
UL 1950, EN 60950, IEC 60950
EMI Compliance
Compliance to EN55011, EN55022 (CISPR22) Class B
EMS Immunity Compliance
EN61000-4-2,3,4,5,6,8,11 Level 3
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
20W Output Power
DIN Rail Mountable
Universal AC Input
UL 508 Compliant
EN60950 Compliant
5, 12, 24 & 48 VDC Outputs
Cond./Rad. EMI Class B
>170 kH MTBF
LOW COST!
Very Low Cost, 20W
DIN Rail Mount
Single Output
AC/DC Power Supplies
Models available to
360W! Call today
for details
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn