Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2933-1-V-AX Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2933-1-V-AX
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2933-1-V-AX Datasheet(HTML) 1 Page - California Eastern Labs

  PS2933-1-V-AX Datasheet HTML 1Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 2Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 3Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 4Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 5Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 6Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 7Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 8Page - California Eastern Labs PS2933-1-V-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2
1
f
o
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
5
1
1
0
S
D
8
0
R
Nov 29, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
t
e
e
h
S
a
t
a
D
1
-
3
3
9
2
S
P
HIGH COLLECTOR TO EMITTER VOLTAGE
4-PIN ULTRA SMALL FLAT-LEAD
PHOTOCOUPLER
DESCRIPTION
The PS2933-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor in one package for high density mounting applications.
An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 30% compared
with the PS28xx series.
FEATURES
Ultra small flat-lead package (4.6 (L) × 2.5 (W) × 2.1 (H) mm)
High collector to emitter voltage (VCEO = 350 V)
High isolation voltage (BV = 2 500 Vr.m.s.)
Ordering number of taping product: PS2933-1-F3: 3 500 pcs/reel
Safety standards
UL approved: No. E72422
BSI approved (BS EN 60065, BS EN 60950)
DIN EN 60747-5-5 (VDE 0884-5) approved (Option)
APPLICATIONS
Hybrid IC
Telephone, Exchange equipment, FAX
Top View
PIN CONNECTION
1. Anode
2. Cathode
3. Emitter
4. Collector
4 3
1 2
R08DS0115EJ0100
Rev.1.00
Nov 29, 2013
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2933-1-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1-V-AX RENESAS-PS2933-1-V-AX Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-AX RENESAS-PS2933-1-V-AX Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2933-1-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com