Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2933-1-V-F3 Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS2933-1-V-F3
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2933-1-V-F3 Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS2933-1-V-F3 Datasheet HTML 5Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 6Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 7Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 8Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 9Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 10Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 11Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 12Page - California Eastern Labs PS2933-1-V-F3 Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PS2933-1e
R08DS0115EJ0100 Rev.1.00
Page 9 of 12
Nov 29, 2013
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three or less
• Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt% or less is
recommended.)
220˚C
Time (s)
(heating)
to 10 s
to 60 s
260˚C MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180˚C
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% or less is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature) 350
°C or below
• Time (each pin)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% or less is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2933-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1-V-F3 RENESAS-PS2933-1-V-F3 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2933-1-V-F3 RENESAS-PS2933-1-V-F3 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-F3 RENESAS-PS2933-1-V-F3 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1-V-F3-AX RENESAS-PS2933-1-V-F3-AX Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-F3-AX RENESAS-PS2933-1-V-F3-AX Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2933-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com