Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2933-1-V Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS2933-1-V
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2933-1-V Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS2933-1-V Datasheet HTML 6Page - California Eastern Labs PS2933-1-V Datasheet HTML 7Page - California Eastern Labs PS2933-1-V Datasheet HTML 8Page - California Eastern Labs PS2933-1-V Datasheet HTML 9Page - California Eastern Labs PS2933-1-V Datasheet HTML 10Page - California Eastern Labs PS2933-1-V Datasheet HTML 11Page - California Eastern Labs PS2933-1-V Datasheet HTML 12Page - California Eastern Labs PS2933-1-V Datasheet HTML 13Page - California Eastern Labs PS2933-1-V Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PS2933-1e
R08DS0115EJ0100 Rev.1.00
Page 10 of 12
Nov 29, 2013
2. Cautions Regarding Noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between collector-
emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute maximum
ratings.
3. Measurement conditions of current transfer ratios (CTR), which differ according to photocoupler
Check the setting values before use, since the forward current conditions at CTR measurement differ according to
product.
When using products other than at the specified forward current, the characteristics curves may differ from the
standard curves due to CTR value variations or the like. Therefore, check the characteristics under the actual
operating conditions and thoroughly take variations or the like into consideration before use.
USAGE CAUTIONS
1. Protect against static electricity when handling.
2. Avoid storage at a high temperature and high humidity.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2933-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1-V RENESAS-PS2933-1-V Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2933-1-V RENESAS-PS2933-1-V Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V RENESAS-PS2933-1-V Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1-V-AX RENESAS-PS2933-1-V-AX Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-AX RENESAS-PS2933-1-V-AX Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2933-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com