Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C03 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT25C03
Description  2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C03 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25C03 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C03 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CAT25C03/05/09/17/33
Doc. No. 25068-00 2/98
Advanced
After the correct read instruction and address are sent,
the data stored in the memory at the selected address is
shifted out on the SO pin. The data stored in the memory
at the next address can be read sequentially by continu-
ing to provide clock pulses. The internal address pointer
is automatically incremented to the next higher address
after each byte of data is shifted out. When the highest
address is reached, the address counter rolls over to
0000h allowing the read cycle to be continued indefi-
nitely. The read operation is terminated by pulling the
CS
high. Read sequece is illustrated in Figure 4. Reading
status register is illustrated in Figure 5. To read the status
register, RDSR instruction should be sent. The contents
of the status register are shifted out on the SO line. If a
non-volatile write is in progress, the RDSR instruction
returns a high on SO. When the non-volatile write cycle
is completed, the status register data is read out.
Figure 2. WREN Instruction Timing
Figure 3. WRDI Instruction Timing
SK
SI
CS
SO
0
0
0
0
010
0
HIGH-Z
25C128 F05
DEVICE OPERATION
Write Enable and Disable
The CAT25C03/05/09/17/33 contains a write enable
latch. This latch must be set before any write operation.
The device powers up in a write disable state when Vcc
is applied. WREN instruction will enable writes (set the
latch) to the device. WRDI instruction will disable writes
(reset the latch) to the device. Disabling writes will
protect the device against inadvertent writes.
READ Sequence
The part is selected by pulling
CS low. The 8-bit read
instruction is transmitted to the CAT25C03/05/09/17/33,
followed by the 16-bit address for 25C09/17/33 (only 10-
bit addresses are used for 25C09, 11-bit addresses are
used for 25C17, and 12-bit addresses are used for
25C33. The rest of the bits are don't care bits) and 8-bit
address for 25C03/05 (for the 25C05, bit 3 of the read
data instruction contains address A8).
SK
SI
CS
SO
00000
110
HIGH-Z


Similar Part No. - CAT25C03

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GLATE13 CATALYST-CAT25C03GLATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GLETE13 CATALYST-CAT25C03GLETE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GLITE13 CATALYST-CAT25C03GLITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03GVATE13 CATALYST-CAT25C03GVATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C03

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com