Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7111L-2A-E3 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS7111L-2A-E3
Description  8 PIN DIP SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7111L-2A-E3 Datasheet(HTML) 2 Page - California Eastern Labs

  PS7111L-2A-E3 Datasheet HTML 1Page - California Eastern Labs PS7111L-2A-E3 Datasheet HTML 2Page - California Eastern Labs PS7111L-2A-E3 Datasheet HTML 3Page - California Eastern Labs PS7111L-2A-E3 Datasheet HTML 4Page - California Eastern Labs PS7111L-2A-E3 Datasheet HTML 5Page - California Eastern Labs PS7111L-2A-E3 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SYMBOLS
PARAMETERS
UNITS
MIN TYP MAX
IF
LED Operating Current
mA
2
10
20
VF
LED Off Voltage
V
0
0.5
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW/ch
50
IFP
Peak Foward Current2
A1
MOSFET
VL
Break Down Voltage
V
100
IL
Continuous Load Current
mA
100
ILP
Pulse Load Current3
mA
300
(AC/DC Connection)
PD
Power Dissipation
mW/ch
375
Coupled
BV
Isolation Voltage4
V
1500
PT
Total Power Dissipation
mW
850
TA
Operating Ambient Temp.
°C
-40 to +80
TSTG
Storage Temperature
°C
-40 to +100
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
RECOMMENDED OPERATING
CONDITIONS (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100
µs, Duty Cycle = 1 %
3. PW = 100 ms, 1 shot.
4. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between
input and output.
PS7111-2A, PS7111L-2A
PART NUMBER
PS7111-2A,PS7111L-2A
OUTLINE DIMENSIONS (Units in mm)
PS7111-2A
PS7111L-2A
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOSFET
6. MOSFET
7. MOSFET
8. MOSFET
9.25±0.5
0.25 M
1.34 ± 0.10
0.50 ± 0.10
2.54
7.62
0 to 15 ˚
3.3±0.3
6.5±0.5
12
3
4
87
6
5
TOP VIEW
1.34±0.1
2.54
6.5±0.5
9.25±0.5
0.9±0.25
0.10
+0.10
-0.05
9.60±0.4
12
3
4
87
6
5
TOP VIEW
1. LED Anode
2. LED Cathode
3. LED Anode
4. LED Cathode
5. MOSFET
6. MOSFET
7. MOSFET
8. MOSFET
PART NUMBER
PACKAGE
PACKING STYLE
PS7111-2A
8 pin DIP
Magazine case 50 pcs
PS7111L-2A
PS7111L-2A-E3
Embossed Tape 1000 pcs/reel
PS7111L-2A-E4
ORDERING INFORMATION


Similar Part No. - PS7111L-2A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7111L-2A-E3 NEC-PS7111L-2A-E3 Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7111L-2A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
California Eastern Labs
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
NEC
PS7112-1A NEC-PS7112-1A_01 Datasheet
53Kb / 6P
   6 PIN DIP SOLID STATE RELAY
PS7342C-1A NEC-PS7342C-1A Datasheet
55Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
NEC
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PS7122-2B NEC-PS7122-2B Datasheet
25Kb / 2P
   8 PIN DIP TYPE OPTO-COUPLED SOLID DTATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com