Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2861B-1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2861B-1
Description  4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110쨘C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2861B-1 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2861B-1 Datasheet HTML 1Page - California Eastern Labs PS2861B-1 Datasheet HTML 2Page - California Eastern Labs PS2861B-1 Datasheet HTML 3Page - California Eastern Labs PS2861B-1 Datasheet HTML 4Page - California Eastern Labs PS2861B-1 Datasheet HTML 5Page - California Eastern Labs PS2861B-1 Datasheet HTML 6Page - California Eastern Labs PS2861B-1 Datasheet HTML 7Page - California Eastern Labs PS2861B-1 Datasheet HTML 8Page - California Eastern Labs PS2861B-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Anode
2. Cathode
3. Emitter
4. Collector
PIN CONNECTION
(Top View)
43
12
The mark
shows major revised points.
The revised points can be easily searched by copying an "
" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS2861B-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
The package has a shield effect to cut off ambient light, and is mounted in a Shrink SOP (Small Outline Package)
for high density applications.
Due to the high isolation voltage between the input and output, the PS2861B-1 is suitable for interface and signal
transfer circuits that require surface or high-density mounting.
FEATURES
• Operating ambient temperature: 110
°C
• Isolation distance (0.4 mm MIN.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Shrink SOP (Small Outline Package) type
• High-speed switching (tr = 4
μs TYP., tf = 5 μs TYP.)
• Embossed tape product: PS2861B-1-F3: 3 500 pcs/reel
• Pb-Free product
• Safety standards
UL approved: No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
BSI approved: No. 8979/8980
SEMKO approved: No. 908508
DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40024453 (Option)
APPLICATIONS
• Power supply
• Programmable logic controllers
PHOTOCOUPLER
PS2861B-1
4-PIN SSOP PHOTOCOUPLER
OPERATING AMBIENT TEMPERATURE 110
°C
−NEPOC Series−
Document No. PN10742EJ02V0DS (2nd edition)
Date Published March 2010 NS


Similar Part No. - PS2861B-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 RENESAS-PS2861B-1 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1-F3 RENESAS-PS2861B-1-F3 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1-F3 RENESAS-PS2861B-1-F3 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1-V RENESAS-PS2861B-1-V Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2861B-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1_15 Datasheet
249Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
California Eastern Labs
PS2761B-1 CEL-PS2761B-1 Datasheet
210Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2381-1 CEL-PS2381-1 Datasheet
241Kb / 13P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
logo
Renesas Technology Corp
PS2381-1 RENESAS-PS2381-1 Datasheet
257Kb / 15P
   4-PIN LSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 115째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com