Electronic Components Datasheet Search |
|
PS7141EL-2A-E4 Datasheet(PDF) 10 Page - California Eastern Labs |
|
PS7141EL-2A-E4 Datasheet(HTML) 10 Page - California Eastern Labs |
10 / 13 page Data Sheet PN10580EJ02V0DS 10 PS7141E-2A,PS7141EL-2A RECOMMENDED SOLDERING CONDITIONS (1) Infrared reflow soldering • Peak reflow temperature 260 °C or below (package surface temperature) • Time of peak reflow temperature 10 seconds or less • Time of temperature higher than 220 °C 60 seconds or less • Time to preheat temperature from 120 to 180 °C 120 ±30 s • Number of reflows Three • Flux Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) 220˚C Time (s) (heating) to 10 s to 60 s 260˚C MAX. Recommended Temperature Profile of Infrared Reflow 120±30 s (preheating) 180˚C 120˚C (2) Wave soldering • Temperature 260 °C or below (molten solder temperature) • Time 10 seconds or less • Preheating conditions 120 °C or below (package surface temperature) • Number of times One • Flux Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Soldering by soldering iron • Peak temperature (lead part temperature) 350 °C or below • Time (each pins) 3 seconds or less • Flux Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead. (b) Please be sure that the temperature of the package would not be heated over 100 °C. (4) Cautions • Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent. <R> |
Similar Part No. - PS7141EL-2A-E4 |
|
Similar Description - PS7141EL-2A-E4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |