Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7211-2A-F3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7211-2A-F3
Description  8 PIN SOP 100 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7211-2A-F3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS7211-2A-F3 Datasheet HTML 1Page - California Eastern Labs PS7211-2A-F3 Datasheet HTML 2Page - California Eastern Labs PS7211-2A-F3 Datasheet HTML 3Page - California Eastern Labs PS7211-2A-F3 Datasheet HTML 4Page - California Eastern Labs PS7211-2A-F3 Datasheet HTML 5Page - California Eastern Labs PS7211-2A-F3 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PS7211-2A
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VO = 5 V
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
Normalized to 1.0
at TA = 25
°C
IF = 10 mA
VO = 5 V
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
TYPICAL PERFORMANCE CURVES (TA = 25°C unless otherwise specified)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
2.0
± 0.1
4.0
± 0.1
1.55
± 0.1
1.55
± 0.1
12.0
± 0.1
7.6
± 0.1
2.8
± 0.1
0.3
7.5
± 0.1
10.45
± 0.1
1.75
± 0.1
16.0
± 0.3
2.0 ± 0.5
16.4
+2.0
-0.0
φ21.0 ± 0.8
φ330
φ100±5.0
φ13.0±1.0
2.5
PS7211-2A-F3
PS7211-2A-F4
TAPING SPECIFICATIONS (Units in mm)
TAPE DIRECTION
REEL OUTLINE and DIMENSIONS
TAPE OUTLINE AND DIMENSIONS


Similar Part No. - PS7211-2A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7211-2A-F3 NEC-PS7211-2A-F3 Datasheet
69Kb / 12P
   8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7211-2A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS72121A CEL-PS72121A Datasheet
79Kb / 7P
   4 PIN SOP, 100 V BREAKDOWN VOLTAGE 1-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7241-1C NEC-PS7241-1C Datasheet
65Kb / 7P
   8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
PS7221-2A NEC-PS7221-2A_01 Datasheet
60Kb / 6P
   8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7221-2A CEL-PS7221-2A Datasheet
59Kb / 6P
   8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7211-2A NEC-PS7211-2A Datasheet
69Kb / 12P
   8-PIN SOP 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1C CEL-PS7142-1C Datasheet
54Kb / 7P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE, TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7221-2A NEC-PS7221-2A Datasheet
69Kb / 12P
   8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7221A-2A NEC-PS7221A-2A Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-2B NEC-PS7141-2B Datasheet
56Kb / 7P
   6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com