Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7522-1A Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS7522-1A
Description  6, 8 PIN DIP SLOW SWITCHING TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7522-1A Datasheet(HTML) 2 Page - California Eastern Labs

  PS7522-1A Datasheet HTML 1Page - California Eastern Labs PS7522-1A Datasheet HTML 2Page - California Eastern Labs PS7522-1A Datasheet HTML 3Page - California Eastern Labs PS7522-1A Datasheet HTML 4Page - California Eastern Labs PS7522-1A Datasheet HTML 5Page - California Eastern Labs PS7522-1A Datasheet HTML 6Page - California Eastern Labs PS7522-1A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS7522-1A
PS7522-2A
PS7522L-1A PS7522L-2A
Diode
VR
Reverse Voltage
V
5
IF
Forward Current (DC)
mA
50
PD
Power Dissipation
mW/ch
50
IFP
Peak Forward Current2
A1
MOSFET
VL
Break Down Voltage
V
200
IL
Continuous Load Current3
Connection A
mA
200
Connection B
mA
350
Connection C
mA
400
ILP
Pulse Load Current4
(AC/DC Connection)
mA
400
PD
Power Dissipation
mW/ch
560
375
Coupled
BV
Isolation Voltage5
Vr.m.s.
1500
PT
Total Power Dissipation
mW
610
850
TA
Operating Ambient Temp.
°C
-40 to +80
TSTG
Storage Temperature
°C
-40 to +100
PS7522-1A, -2A, PS7522L-1A, -2A
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100
µs, Duty Cycle = 1%.
3. Conditions: IF
≥ 2 mA. The following types of load connections
are available.
4. PW = 100 ms, 1 shot.
5. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input
and output.
SYMBOL
PARAMETER
UNITS MIN
TYP MAX
IF
LED Operating Current
mA
1
10
20
VF
LED Off Voltage
V
0
0.5
RECOMMENDED
OPERATING CONDITIONS (TA = 25 °C)
PART NUMBER
PACKAGE
PACKING STYLE
PS7522-1A
6 Pin DIP
Magazine case, 50 pcs
PS7522L-1A
PS7522L-1A-E3
Embossed Tape,
PS7522L-1A-E4
1000 pcs/reel
PS7522-2A
8 Pin DIP
Magazine case, 50 pcs
PS7522L-2A
PS7522L-2A-E3
Embossed Tape,
PS7522L-2A-E4
1000 pcs/reel
ORDERING INFORMATION
L
L
L
L
1
2
3
1
2
3
1
2
3
1
2
3
6
5
4
6
5
4
6
5
4
6
5
4
+
+
VL (AC/DC)
VL (DC)
VL (DC)
VL (DC)
Connection A
Connection C
Connection B
IL
IL
IL
IL
IL
IL + IL


Similar Part No. - PS7522-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7522-1A NEC-PS7522-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7522-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7522-1A NEC-PS7522-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS71221 CEL-PS71221 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
NEC
PS7141-2B NEC-PS7141-2B Datasheet
56Kb / 7P
   6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
PS7113-1A NEC-PS7113-1A Datasheet
82Kb / 12P
   6, 8-PIN DIP, 350 mA CONTINUOUS LOAD CURRENT 1-ch, 2-ch Optical Coupled MOS FET
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7160-2A CEL-PS7160-2A Datasheet
341Kb / 11P
   8-PIN DIP, 600V BREAK DOWN VOLTAGE 2-cH Optical Coupled MOSFET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com