Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS332 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS332
Description  Micropower low-voltage, rail-to-rail comparators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS332 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS332 Datasheet HTML 7Page - STMicroelectronics TS332 Datasheet HTML 8Page - STMicroelectronics TS332 Datasheet HTML 9Page - STMicroelectronics TS332 Datasheet HTML 10Page - STMicroelectronics TS332 Datasheet HTML 11Page - STMicroelectronics TS332 Datasheet HTML 12Page - STMicroelectronics TS332 Datasheet HTML 13Page - STMicroelectronics TS332 Datasheet HTML 14Page - STMicroelectronics TS332 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID17272 Rev 4
11/27
TS331, TS332, TS334
Electrical characteristics
Figure 14. Output voltage versus temperature
Figure 15. Propagation delay versus overdrive
with negative transition, VCC = 1.8 V
Figure 16. Propagation delay versus overdrive
with positive transition, VCC = 1.8 V
Figure 17. Propagation delay versus common
mode voltage, VCC = 1.8 V
Figure 18. Propagation delay versus overdrive
with negative transition, VCC = 2.7 V
Figure 19. Propagation delay versus overdrive
with positive transition, VCC = 2.7 V


Similar Part No. - TS332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3320 STMICROELECTRONICS-TS3320 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
TS3325 STMICROELECTRONICS-TS3325 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
More results

Similar Description - TS332

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
   Rail-to-rail micropower BiCMOS comparators
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
   RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com