Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML1000605D Datasheet(PDF) 4 Page - International Rectifier

Part # ML1000605D
Description  HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ML1000605D Datasheet(HTML) 4 Page - International Rectifier

  ML1000605D Datasheet HTML 1Page - International Rectifier ML1000605D Datasheet HTML 2Page - International Rectifier ML1000605D Datasheet HTML 3Page - International Rectifier ML1000605D Datasheet HTML 4Page - International Rectifier ML1000605D Datasheet HTML 5Page - International Rectifier ML1000605D Datasheet HTML 6Page - International Rectifier ML1000605D Datasheet HTML 7Page - International Rectifier ML1000605D Datasheet HTML 8Page - International Rectifier ML1000605D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.irf.com
ML1000605D
(100V Input, Dual Output)
Electrical Performance Characteristics (continued)
For Notes to Specifications, refer to page 5
Limits
Parameter
Condition
Conditions
-40
°C ≤ Tc ≤ +75°C
VIN = 100V DC ± 0.5%, CL = 0µF
unless otherwise specified
Min
Nom
Max
Unit
Output ripple ( VRIP )
Each output
+6.0V
-5.0V
+6.0V
-5.0V
1
1,2
VIN = 97, 100, 103V
IOUT = 100% rated load
Frequency domain 100Hz – 50MHz
Note 1
Time domain 100Hz – 50MHz
Notes 1, 2
1.0
1.0
30
30
mVrms
mVpp
Efficiency ( EFF )
For combined output power
of
0.70W
1.75W
3.50W
1,2,3
IOUT = 20% rated load
IOUT = 50% rated load
IOUT = 100% rated load
37
52
60
38
54
62
%
Telecommand I/F
Pulse Voltage high
Pulse Voltage low
Pulse duration
1,2,3
Note 1
+22
-40
10
+30
0.5
1000
V
V
ms
Telemetry
Converter On
Converter Off
1,2,3
400
1.0
422
450
ohm
Mohm
Current Limit Point
Each output
+6.0V
-5.0V
1,2,3
VOUT = 100mV below Nominal
550
110
700
150
mA
Output response to
step load changes ( VTLD )
+6.0V
-5.0V
1,2,3
20% to / from 100% Load, Note 3
-70
-50
70
50
mV pk
Recovery time,
step load changes ( TTLD )
+6.0
-5.0
1,2,3
20% to / from 100% Load , Notes 3, 4
2.5
2.5
ms
Turn-on Response
Overshoot ( VOS )
+6.0V
-5.0V
Turn-on Delay
1,2,3
10% Load, Full Load
Note 5
2.0
60
50
10
mV
ms
Capacitive Load ( CL )
+6.0V
-5.0V
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 6
Each output
100
100
µF


Similar Part No. - ML1000605D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ML1000605D IRF-ML1000605D Datasheet
875Kb / 17P
   100V Input, Dual Output
ML1000605D IRF-ML1000605D_15 Datasheet
875Kb / 17P
   100V Input, Dual Output
More results

Similar Description - ML1000605D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
S2800 IRF-S2800 Datasheet
138Kb / 9P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com