Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT22C10PI-30TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT22C10PI-30TE13
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT22C10PI-30TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT22C10PI-30TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT22C10PI-30TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CAT22C10
8
Doc. No. 25018-0A 2/98 N-1
Recall
At anytime, except during a store operation, taking the
RECALL pin low will initiate a recall operation. This is
independent of the state of
CS, WE, or A0–A5. After the
RECALL pin has been held low for the duration of the
Recall Pulse Width (tRCP), the recall will continue inde-
pendent of any other inputs. During the recall, the entire
contents of the E2PROM array is transferred to the Static
RAM array. The first byte of data may be externally
accessed after the recalled data access time from end of
recall (tARC) is met. After this, any other byte may be
accessed by using the normal read mode.
If the
RECALL pin is held low for the entire Recall Cycle
time (tRCC), the contents of the Static RAM may be
immediately accessed by using the normal read mode.
A recall operation can be performed an unlimited num-
ber of times without affecting the integrity of the data.
The outputs I/O0–I/O3 will go into the high impedance
state as long as the
RECALL signal is held low.
Store
At any time, except during a recall operation, taking the
STORE pin low will initiate a store operation. This takes
place independent of the state of
CS, WE or A0–A5. The
STORE pin must be held low for the duration of the Store
Pulse Width (tSTP) to ensure that a store operation is
initiated. Once initiated, the
STORE pin becomes a
“Don’t Care”, and the store operation will complete its
transfer of the entire contents of the Static RAM array
into the E2PROM array within the Store Cycle time
(tSTC). If a store operation is initiated during a write cycle,
the contents of the addressed Static RAM byte and its
corresponding byte in the E2PROM array will be un-
known.
During the store operation, the outputs are in a high
impedance state. A minimum of 100,000 store opera-
tions can be performed reliably and the data written into
the E2PROM array has a minimum data retention time
of 10 years.
DATA PROTECTION DURING POWER-UP AND
POWER-DOWN
The CAT22C10 has on-chip circuitry which will prevent
a store operation from occurring when VCC falls below
3.0V typ. This function eliminates the potential hazard of
spurious signals initiating a store operation when the
system power is below 3.0V typ.
Figure 4. Recall Cycle Timing
5153 FHD F08
5153 FHD F07
Figure 5. Store Cycle Timing
CS
DATA I/O
RECALL
ADDRESS
DATA UNDEFINED
DATA VALID
HIGH-Z
tRCZ
tORC
tARC
tRCP
tRCC
STORE
DATA I/O
tSTZ
tOST
HIGH-Z
tSTP
tSTC


Similar Part No. - CAT22C10PI-30TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT22C10PI-30-TE13 CATALYST-CAT22C10PI-30-TE13 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
More results

Similar Description - CAT22C10PI-30TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com