Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP330EEY-0A-EB Datasheet(PDF) 4 Page - Exar Corporation

Part # SP330EEY-0A-EB
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330EEY-0A-EB Datasheet(HTML) 4 Page - Exar Corporation

  SP330EEY-0A-EB Datasheet HTML 1Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 2Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 3Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 4Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 5Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 6Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 7Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 8Page - Exar Corporation SP330EEY-0A-EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SP330E
4
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
REV. 1.0.0
ELECTRICAL CHARACTERISTICS (Continued)
UNLESS OTHERWISE NOTED: 
VCC = +3.0V to +5.5V, C1-C4 = 0.1µF; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-232 SINGLE-ENDED RECEIVER INPUTS (PINS 16 & 17)
VIN
Input Voltage Range
-15
+15
V
VIL
Input Threshold Low
0.6
1.2
V
VCC = 3.3V
0.8
1.5
V
VCC = 5.0V
VIH
Input Threshold High
1.5
2.0
V
VCC = 3.3V
1.8
2.4
V
VCC = 5.0V
VHYS
Input Hysteresis
0.5
V
RIN
Input Resistance
3
5
7
k
-15V
V
IN +15V
RS-232 SINGLE-ENDED TRANSMITTER OUTPUTS (PINS 6 & 7)
VOUT
Output Voltage Swing
±5.0
±5.5
V
Outputs loaded with 3k
to Gnd
ROFF
Output Power Off Impedance
300
10M
VCC = 0V, VOUT = ±2V
ISC
Output Short Circuit Current
±30
±60
mA
VOUT = 0V
IO
Output Leakage Current
±125
µA
SHDN = 0V, VOUT = ±9V,
VCC = 0V or 5.5V


Similar Part No. - SP330EEY-0A-EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-LTR EXAR-SP330EEY-LTR Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results

Similar Description - SP330EEY-0A-EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com