Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK10-170C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # AK10-170C
Description  Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

AK10-170C Datasheet(HTML) 1 Page - Micro Commercial Components

  AK10-170C Datasheet HTML 1Page - Micro Commercial Components AK10-170C Datasheet HTML 2Page - Micro Commercial Components AK10-170C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M C C
TM
Micro Commercial Components
Features
• Axial Lead Terminals
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
AK1-076C
THRU
AK15-076C
AK Series
• High Current Transient Suppressor
• Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate(duty cycle):0.01%
Halogen Free
High Temperature Soldering:260oC/10 Seconds at Terminals
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Maximum Ratings And Thermal
Characterics
Parameter
Symbol
Value
Unit
Current Rating,Rated IPP
Measured With 8/20us Pulse
Ipp
AK1
1
KAmps
AK3
3
AK6
6
AK10
10
AK15
15
Operating Junction and
Storage Temperature
Range
TJ
TSTG
-55 to+150
oC
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes
7
TVS Diodes
58-430 Volts
AK
DIMENSIONS
DIM
INCHES
MM
NOTE
MIN
MAX
MIN
MAX
A
---
.630
---
16.00
B
---
.500
---
12.70
C
.047
.052
1.20
1.32
D
.197
---
5.00
---
E
.922
.979
23.43
24.87
F
---
.098
---
2.50
www.mccsemi.com
1 of 3


&


Revision:
B
20
14/03/14


Similar Part No. - AK10-170C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK10-170C LITTELFUSE-AK10-170C Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
AK10-170C LITTELFUSE-AK10-170C Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK10-170C LUGUANG-AK10-170C Datasheet
1Mb / 2P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10-170C LITTELFUSE-AK10-170C Datasheet
785Kb / 3P
   Transient Voltage Suppression Diodes
AK10-170C LITTELFUSE-AK10-170C Datasheet
3Mb / 146P
   TVS Diode Products
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com