Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPN20R12S15 Datasheet(PDF) 2 Page - C&D Technologies

Part # WPN20R12S15
Description  20 WATT REGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPN20R12S15 Datasheet(HTML) 2 Page - C&D Technologies

  WPN20R12S15 Datasheet HTML 1Page - C&D Technologies WPN20R12S15 Datasheet HTML 2Page - C&D Technologies WPN20R12S15 Datasheet HTML 3Page - C&D Technologies WPN20R12S15 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WPN20R
REV A
3/2000
Page 2
ORDERING INFORMATION
SPECIFICATIONS,ALLMODELS
Specifications are at T
A = +25°C nominal input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
9
12
18
VDC
18
24
36
VDC
33
48
75
VDC
Reflected Ripple Current
All Input Ranges
50
mApk-pk
INPUT CONTROL
Temperature Shutdown
Case
105
115
°C
Temperature Hysteresis
10
°C
Quiescent Standby Current
Current Into + VIN
810
mA
Undervoltage Control
See Attached Plots
OUTPUT
ISOLATION
Rated Voltage
1500
VDC
Test Voltage
60Hz, 10 Seconds
1500
VDC
Resistance
10
GW
Capacitance
400
pF
Leakage Current
30
mArms
Rated Power
20
W
Voltage Setpoint Accuracy
±1.5
%
Temperature Coefficient
±0.005
%/°C
Line Regulation
Singles
High Line to Low Line
±0.1
%
Duals
High Line to Low Line
±0.5
%
Load Regulation
Singles
Mn Load to Nom. Load
±0.5
%
Duals
Mn Load to Nom. Load
±2.0
%
Ripple & Noise
Single Outputs
BW = 5Hz to 20MHz
60
100
mVp-p
Dual Outputs
BW = 5Hz to 20MHz
50
100
mVp-p
Output Adjust Range
See Attached Plots
Short Circuit and Overcurrent Protection
Continuous
Max Capacitive Load
550
mF/A
GENERAL
Switching Frequency
300
KHz
MTTF per ML-HDBK-217
Circuit Stress Method
Ground Benign
TA = +25° Unmodified Database
1,400,000
Hr
Package Weight
32
g
TEMPERATURE
Specification
Case
-40
+ 85
°C
Operation
Case
-40
+ 85
°C
Storage
-55
+125
°C
Logic Compatibility .............................................. Open Collector TTL
EC On .............................................................................. Open Circuit
EC Off ...................................................................................... < 0.7V
Shutdown Idle Current ............................................................... 8mA
REMOTE ON/OFF CONTROL
WPN20R XXYZZ
Device Family
20W Regulated DC/DC Unit
Model Number
xx = Input Range, e.g. 48V
y = Number of Outputs (S=single; D=dual)
zz = Output Voltage, e.g. ‘05’ for 5V


Similar Part No. - WPN20R12S15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R12S15 MURATA-PS-WPN20R12S15 Datasheet
215Kb / 5P
   20 Watt Regulated DC/DC Converter
More results

Similar Description - WPN20R12S15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R MURATA-PS-WPN20R Datasheet
215Kb / 5P
   20 Watt Regulated DC/DC Converter
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com