Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5686ACPZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5686ACPZ-RL7
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686ACPZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5686ACPZ-RL7 Datasheet HTML 3Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 9Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 10Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5686/AD5684
Rev. A | Page 7 of 28
DAISY-CHAIN AND READBACK TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 4
and Figure 5. VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V; VREF = 2.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 5.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
66
40
ns
SCLK High Time
t2
33
20
ns
SCLK Low Time
t3
33
20
ns
SYNC to SCLK Falling Edge
t4
33
20
ns
Data Setup Time
t5
5
5
ns
Data Hold Time
t6
5
5
ns
SCLK Falling Edge to SYNC Rising Edge
t7
15
10
ns
Minimum SYNC High Time
t8
60
30
ns
Minimum SYNC High Time
t9
60
30
ns
SDO Data Valid from SCLK Rising Edge
t10
36
25
ns
SCLK Falling Edge to SYNC Rising Edge
t11
15
10
ns
SYNC Rising Edge to SCLK Rising Edge
t12
15
10
ns
1
Maximum SCLK frequency is 25 MHz or 15 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
Circuit and Timing Diagrams
Figure 3. Load Circuit for Digital Output (SDO) Timing Specifications
Figure 4. Daisy-Chain Timing Diagram
200µA
IOL
200µA
IOH
VOH (MIN)
TO OUTPUT
PIN
CL
20pF
t4
t5
t6
t8
SDO
SDIN
SYNC
SCLK
48
24
DB23
DB0
DB23
DB0
DB23
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N + 1
INPUT WORD FOR DAC N
DB0
t11
t12
t10


Similar Part No. - AD5686ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686ACPZ-RL7 AD-AD5686ACPZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
More results

Similar Description - AD5686ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com