Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT22C10 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part No. CAT22C10
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT22C10 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT22C10 Datasheet HTML 1Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 2Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 3Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 4Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 5Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 6Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 7Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 8Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT22C10
2
Doc. No. 25018-0A 2/98 N-1
MODE SELECTION(1)(2)(3)
Input
Mode
CS
CS
CS
CS
CS
WE
WE
WE
WE
WE
RECALL
RECALL
RECALL
RECALL
RECALL
STORE
STORE
STORE
STORE
STORE
I/O
Standby
H
X
H
H
Output High-Z
RAM Read
L
H
H
H
Output Data
RAM Write
L
L
H
H
Input Data
(E2PROM
→RAM)
X
H
L
H
Output High-Z RECALL
(E2PROM
→RAM)
H
X
L
H
Output High-Z RECALL
(RAM
→E2PROM)
X
H
H
L
Output High-Z STORE
(RAM
→E2PROM)
H
X
H
L
Output High-Z STORE
BLOCK DIAGRAM
POWER-UP TIMING(4)
Symbol
Parameter
Min.
Max.
Units
VCCSR
VCC Slew Rate
0.5
0.005
V/ms
Note:
(1)
RECALL signal has priority over STORE signal when both are applied at the same time.
(2)
STORE is inhibited when RECALL is active.
(3) The store operation is inhibited when VCC is below ≈ 3.0V.
(4) This parameter is tested initially and after a design or process change that affects the parameter.
ROW
SELECT
COLUMN SELECT
CONTROL
LOGIC
READ/WRITE
CIRCUITS
RECALL
E
2PROM ARRAY
STORE
A0
A1
A2
A3
A4
A5
STORE
RECALL
CS
WE
I/O0 I/O1 I/O2 I/O3
STATIC RAM
ARRAY
5153 FHD F02


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CAT24C44 256-Bit Serial Nonvolatile CMOS Static RAM 1  2  3  4  5  More Catalyst Semiconductor
CAT24C44 256-Bit Serial Nonvolatile CMOS Static RAM 1  2  3  4  5  More Catalyst Semiconductor
MN1203 256-bit CMOS static RAM 1  2  3  4  Panasonic Semiconductor
M5M51016BTP-12VL-I 1048576-BIT 65536-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5256DP-45LL-W 262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5V208FP-70L 2097152-BIT 262144-WORD BY 8-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M5M5W816WG-85L 8388608-BIT 524288-WORD BY 16-BIT CMOS STATIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
UPD4364 8192 X 8 BIT STATIC CMOS RAM 1  2  3  4  5  More NEC
IS61LV12816 128K x 16 HIGH-SPEED CMOS STATIC RAM 1  2  3  4  5  More Integrated Circuit Solution Inc
K6T1008C2C 128K x8 bit Low Power CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn