Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT22C10 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part No. CAT22C10
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo 

CAT22C10 Datasheet(HTML) 1 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT22C10
256-Bit Nonvolatile CMOS Static RAM
FEATURES
s Single 5V Supply
s Fast RAM Access Times:
–200ns
–300ns
s Infinite E2PROM to RAM Recall
s CMOS and TTL Compatible I/O
s Power Up/Down Protection
s 100,000 Program/Erase Cycles (E2PROM)
s Low CMOS Power Consumption:
–Active: 40mA Max.
–Standby: 30
µA Max.
s JEDEC Standard Pinouts:
–18-pin DIP
–16-pin SOIC
s 10 Year Data Retention
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT22C10 NVRAM is a 256-bit nonvolatile memory
organized as 64 words x 4 bits. The high speed Static
RAM array is bit for bit backed up by a nonvolatile
E2PROM array which allows for easy transfer of data
from RAM array to E2PROM (STORE) and from
E2PROM to RAM (RECALL). STORE operations are
completed in 10ms max. and RECALL operations typi-
cally within 1.5
µs. The CAT22C10 features unlimited
RAM write operations either through external RAM
PIN CONFIGURATION
PIN FUNCTIONS
Pin Name
Function
A0–A5
Address
I/O0–I/O3
Data In/Out
WE
Write Enable
CS
Chip Select
RECALL
Recall
STORE
Store
VCC
+5V
VSS
Ground
NC
No Connect
writes or internal recalls from E2PROM. Internal false
store protection circuitry prohibits STORE operations
when VCC is less than 3.0V.
The CAT22C10 is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles (E2PROM)
and has a data retention of 10 years. The device is
available in JEDEC approved 18-pin plastic DIP and 16-
pin SOIC packages.
SOIC Package (J)
DIP Package (P)
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
NC
A4
A3
A2
Vss
A1
CS
STORE
A0
NC
Vcc
A5
I/O3
I/O2
I/O1
I/O0
WE
RECALL
1
2
3
4
5
6
7
8
9
14
13
11
10
12
15
16
17
18
1
2
3
4
5
6
7
8
14
13
11
10
9
12
15
16
A1
A2
A3
A4
A0
A5
Vcc
I/O4
I/O3
I/O2
I/O1
Vss
WE
CS
STORE
RECALL
22C10 F01
22C10 F02
Doc. No. 25018-0A 2/98 N-1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
MN1203256-bit CMOS static RAM 1 2 3 4 Panasonic Semiconductor
M5M51016BTP-12VL-I1048576-BIT 65536-WORD BY 16-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5256DP-45LL-W262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5V208FP-70L2097152-BIT 262144-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5W816WG-85L8388608-BIT 524288-WORD BY 16-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
UPD43648192 X 8 BIT STATIC CMOS RAM 1 2 3 4 5 MoreNEC
IS61LV12816128K x 16 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
K6T1008C2C128K x8 bit Low Power CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn