Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT22C10 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part No. CAT22C10
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo 

CAT22C10 Datasheet(HTML) 5 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT22C10
5
Doc. No. 25018-0A 2/98 N-1
A.C. CHARACTERISTICS, Store Cycle
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tSTC
Store Time
10
ms
tSTP
Store Pulse Width
200
ns
CL = 100pF + 1TTL gate
tSTZ(1)
Store Disable Time
100
ns
VOH = 2.2V, VOL = 0.65V
tOST(1)
Store Enable Time
0
ns
VIH = 2.2V, VIL = 0.65V
A.C. CHARACTERISTICS, Recall Cycle
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tRCC
Recall Cycle Time
1.4
µs
tRCP
Recall Pulse Width
300
ns
CL = 100pF + 1TTL gate
tRCZ
Recall Disable Time
100
ns
VOH = 2.2V, VOL = 0.65V
tORC
Recall Enable Time
0
ns
VIH = 2.2V, VIL = 0.65V
tARC
Recall Data Access Time
1.1
µs
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
MN1203256-bit CMOS static RAM 1 2 3 4 Panasonic Semiconductor
M5M51016BTP-12VL-I1048576-BIT 65536-WORD BY 16-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5256DP-45LL-W262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5V208FP-70L2097152-BIT 262144-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5W816WG-85L8388608-BIT 524288-WORD BY 16-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
UPD43648192 X 8 BIT STATIC CMOS RAM 1 2 3 4 5 MoreNEC
IS61LV12816128K x 16 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
K6T1008C2C128K x8 bit Low Power CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn