Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT22C10 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part No. CAT22C10
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CATALYST [Catalyst Semiconductor]
Homepage  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT22C10 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT22C10 Datasheet HTML 1Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 2Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 3Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 4Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 5Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 6Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 7Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 8Page - Catalyst Semiconductor CAT22C10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT22C10
4
Doc. No. 25018-0A 2/98 N-1
A.C. CHARACTERISTICS, Read Cycle
VCC = +5V ±10%, unless otherwise specified.
22C10-20
22C10-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Conditions
tRC
Read Cycle Time
200
300
ns
CL = 100pF
tAA
Address Access Time
200
300
ns
+1TTL gate
tCO
CS Access Time
200
300
ns
VOH = 2.2V
tOH
Output Data Hold Time
0
0
ns
VOL = 0.65V
tLZ(1)
CS Enable Time
0
0
ns
VIH = 2.2V
tHZ(1)
CS Disable Time
100
100
ns
VIL = 0.65V
A.C. CHARACTERISTICS, Write Cycle
VCC = +5V ±10%, unless otherwise specified.
22C10-20
22C10-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Conditions
tWC
Write Cycle Time
200
300
ns
tCW
CS Write Pulse Width
150
150
ns
tAS
Address Setup Time
50
50
ns
CL = 100pF
tWP
Write Pulse Width
150
150
ns
+1TTL gate
tWR
Write Recovery Time
25
25
ns
VOH = 2.2V
tDW
Data Valid Time
100
100
ns
VOL = 0.65V
tDH
Data Hold Time
0
0
ns
VIH = 2.2V
tWZ(1)
Output Disable Time
100
100
ns
VIL = 0.65V
tOW
Output Enable Time
0
0
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
MN1203256-bit CMOS static RAM 1 2 3 4 Panasonic Semiconductor
M5M51016BTP-12VL-I1048576-BIT 65536-WORD BY 16-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5256DP-45LL-W262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5V208FP-70L2097152-BIT 262144-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M5M5W816WG-85L8388608-BIT 524288-WORD BY 16-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
UPD43648192 X 8 BIT STATIC CMOS RAM 1 2 3 4 5 MoreNEC
IS61LV12816128K x 16 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
K6T1008C2C128K x8 bit Low Power CMOS Static RAM 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn