Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49158 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 49158
Description  Long Tweezers With Serrated Pattern Tips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

49158 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  49158 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
173
Item No.
Description
wt.
481 00
AA isol - 130mm
.10
Carbon steel. Nickel-plated finish.
Universal Pointed Tip Isolated
Item No.
Description
wt.
430 16
40b isol - 145mm
.12
Carbon steel. Nickel-plated finish.
Blunt End Bent Isolated & Serrated
Blunt, Thin .035”, Very Low Force
Item No.
Description
wt.
430 15
40 isol - 145mm
.12
Carbon steel. Nickel-plated finish.
Blunt End Straight
Isolated & Serrated
Item No.
Description
wt.
492 15
112 SA - 100mm
.05
Stainless steel, anti-magnetic and acid resistant.
Polished finish tweezers made from Vommaloy.
Pointed, Thin .035”, Very Low Force
Item No.
Description
wt.
492 20
113 SA - 100mm
.05
Stainless steel, anti-magnetic and acid resistant.
Polished finish tweezers made from Vommaloy.
Item No.
Description
wt.
491 57
22b isol - 145mm
.10
Carbon steel. Nickel-plated finish.
Narrow Pointed, Bent,
Isolated Serrated
Item No.
Description
wt.
491 58
22 isol - 155mm
.10
Carbon steel. Nickel-plated finish.
Narrow Pointed & Straight
Isolated Serrated
Super Thin Foil
Tweezers
Isolated Tweezers With Dipped Handles
Item No.
Description
wt.
497 09
D13 SA - 160mm
.10
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Rounded Tip Long
With Grip Pattern
Rounded Tip Long
with Grip Pattern
Item No.
Description
wt.
497 14
D13 - 160mm
.10
Carbon steel. Nickel-plated finish.
Long Tweezers With Serrated Pattern Tips
Item No.
Description
wt.
491 90
5 pc. set in pouch
.68
Set includes: 43015, 43016, 49157, 49158, 48100
Carbon steel. Nickel-plated finish. Dipped handles.
Isolated Tweezers Set
Isolated 5 Piece
Tweezers Set
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 49158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4915 ETC2-4915 Datasheet
1Mb / 16P
   Drywall Punch
logo
C&D Technologies
49150 CANDD-49150 Datasheet
214Kb / 1P
   Dual Winding Surface Mount Inductors
logo
Murata Manufacturing Co...
49150C MURATA-49150C Datasheet
128Kb / 2P
   Shielded Dual Winding Surface Mount Inductors
49150SC MURATA-49150SC Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
logo
C&D Technologies
49151 CANDD-49151 Datasheet
214Kb / 1P
   Dual Winding Surface Mount Inductors
More results

Similar Description - 49158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
   Soldering Tips
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
   SOLDERING TIPS
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
   Test Lead with Stackable Pin Tips
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
   Test Probe Set with Replaceable Tips
logo
List of Unclassifed Man...
P100-H-250-G ETC1-P100-H-250-G Datasheet
156Kb / 1P
   Plungers, Serrated
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
   Test Probe Set with Replaceable Tips
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
   standard straight tips
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
   L638xE tricks and tips
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
Pepperl+Fuchs Inc.
TL175 PF-TL175 Datasheet
441Kb / 1P
   Test Leads with adjustable length test tips
2021-06-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com