Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH330125AKB Datasheet(PDF) 3 Page - International Rectifier

Part # IRUH330125AKB
Description  Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330125AKB Datasheet(HTML) 3 Page - International Rectifier

  IRUH330125AKB Datasheet HTML 1Page - International Rectifier IRUH330125AKB Datasheet HTML 2Page - International Rectifier IRUH330125AKB Datasheet HTML 3Page - International Rectifier IRUH330125AKB Datasheet HTML 4Page - International Rectifier IRUH330125AKB Datasheet HTML 5Page - International Rectifier IRUH330125AKB Datasheet HTML 6Page - International Rectifier IRUH330125AKB Datasheet HTML 7Page - International Rectifier IRUH330125AKB Datasheet HTML 8Page - International Rectifier IRUH330125AKB Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
IRUH3301A2AK
IRUH3301A2AP
Notes:
 Tested to 500Krad (Si).
‚ See Fig. 5.
Space Level Screening Requirements
TEST/INSPECTION
SCREENING LEVEL
MIL-STD-883
SPACE
METHOD
Nondestructive Bond Pull
100%
2023
Internal Visual
100%
2017
Seal
100%
1014
Temperature Cycle
100%
1010
Constant Acceleration
100%
2001
Mechanical Shock
100%
2002
PIND
100%
2020
Pre Burn-In-Electrical
100%
Burn-In
100%
1015
Final Electrical
100%
Radiographic
100%
2012
External Visual
100%
2009
Radiation Performance Characteristics
Test
Conditions
Min
TypUnit
MIL-STD-883, Method 1019 (Condition A)
Operating Bias applied during exposure
Minimum Rated Load, Vin = 6.4V
MIL-STD-883, Method 1019 (Condition D)
Total Ionizing Dose (Gamma)
(ELDRS) Operating Bias applied during
100
exposure Minimum Rated Load, Vin = 6.4V
Single Event effects
Heavy Ions (LET)
SEU, SEL, SEGR, SEB
Operating Bias applied during exposure
under varying operating conditions
300
Total Ionizing Dose (Gamma)
Neutron Fluence
MIL-STD-883, Method 1017
84
Krads (Si)
500
c
1.0e
11
See
d
Neutrons/cm
2
Krads (Si)
MeV*cm
2/mg


Similar Part No. - IRUH330125AKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AKB IRF-IRUH330125AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330125AKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1B IRF-IRUH3301A1B Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com