Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

VSX75MD35 Datasheet(PDF) 5 Page - C&D Technologies

Part No. VSX75MD35
Description  75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CANDD [C&D Technologies]
Homepage  http://www.cdpowerelectronics.com
Logo 

VSX75MD35 Datasheet(HTML) 5 Page - C&D Technologies

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
VSX75MD35
REV B
5/02
Product: www.cdpowerelectronics.com
MECHANICAL
Dimensions are in inches (millimeters).
Tolerances:
x.xx in. + 0.02 in.
x.xxx in. +0.01 in.
Pinout Key
1
+Vin
2
On/Off
3-Vin
4
+3.3 Vout
5
O/P RTN
6
Trim
7
+5.0 Vout
.125 (3.18)
.125 (3.18)
.375 (9.53)
.000
.750
(19.05)
1
2
3
7
6
5
4
2.30
(58.42)
1.50
(38.10)
.50
(12.70)
.145
(3.68)
.150
(3.81)
2.000
(50.80)
1.200
(30.48)
.150
(3.81)
PIN 1
M3 THREAD
4 PLACES
0.051 (1.30)
7 PLACES
0.144 (3.66)
4 PLACES
RECOMMENDED PCB HOLE PATTERN
(VIEW OF PCB, THROUGH UNIT)
.600
(15.24)
.600
(15.24)
.350
(8.89)
0.040 (1.02) 7 PLACES
NOTES:
1. Marked with: specific model ordered, date
code, job code.
2. MATERIAL: Units are encapsulated in a low
thermal resistance molding compound which has
excellent chemical resistance and electrical
properties in high humidity environments and
over a wide operating temperature range. The
encapsulant and outer shell of the unit have
UL94V-0 ratings. Lead material is solder plated
to allow ease of solderability.
3. IMPORTANT: When utilizing the PEM nuts for
board mounting, it is required to follow guidelines
in application note DCAN-40 available on the
web at www.cdpowerelectronics.com.
CASE OUTLINE
.375 (9.53)
.350
(8.89)
To Find Model Number
VSX75MD35 - 1 U
Device Family
VSX75MD35 (Quarter Brick, 75 Watt DC/DC)
Logic: No Number = Preferred Logic (Negative);
1 = Optional Logic (Positive)
Package
No Letter = Encapsulated; U = Unencapsulated
ORDERING INFORMATION
Model Numbers
VSX75MD35
VSX75MD35-U
VSX75MD35-1
VSX75MD35-1U
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising
from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose
and in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4160
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn