Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH330118BPA Datasheet(PDF) 1 Page - International Rectifier

Part # IRUH330118BPA
Description  Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330118BPA Datasheet(HTML) 1 Page - International Rectifier

  IRUH330118BPA Datasheet HTML 1Page - International Rectifier IRUH330118BPA Datasheet HTML 2Page - International Rectifier IRUH330118BPA Datasheet HTML 3Page - International Rectifier IRUH330118BPA Datasheet HTML 4Page - International Rectifier IRUH330118BPA Datasheet HTML 5Page - International Rectifier IRUH330118BPA Datasheet HTML 6Page - International Rectifier IRUH330118BPA Datasheet HTML 7Page - International Rectifier IRUH330118BPA Datasheet HTML 8Page - International Rectifier IRUH330118BPA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Radiation Hardended Ultra Low Dropout
IRUH330118BP
Fixed Positive Linear Regulator
+3.3VIN to +1.8VOUT @3.0A
www.irf.com
1
Features
n Silicon On Insulator (SOI) CMOS Regulator
IC, CMOS Latch-Up Immune,
Inherently Rad Hard
n Total Dose Capability up to 300Krads(Si)
(Condition A); Tested to 500Krad (Si)
n ELDRS up to 100Krad(Si) (Condition D)
n SEU Immune up to LET = 80 MeV*cm2/mg
n Space Level Screened
n Fast Transient Response
n Timed Latch-Off Over-Current Protection
n Internal Thermal Protection
n On/Off Control via Shutdown Pin, Power
Sequencing Easily Implemented
n Isolated Hermetic MO-078AA Package
Ensures Higher Reliability
n This part is also available in 8 Lead Flat pack
Package as IRUH330118AK / RUH330118AP
The IRUH330118 is a space qualified, ultra low dropout
linear regulator designed specifically for applications
requiring high reliability, low noise and radiation hardness.
05/18/12
Description
IRUH330118BK
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Power Dissipation @ TC = 125°C
PD
-25
W
Maximum Output Current @ Maximum
Power Dissipation with no Derating
Non-Operating Input Voltage
VIN
-0.3
+8.0
Operating Input Voltage
VIN
2.9
6.4
Ground
GND
-0.3
0.3
Shutdown Pin Voltage
VSHDN
-0.3
VIN + 0.3
Output Pin Voltage
VOUT
-0.3
VIN + 0.3
Operating Case Temperature Range
TO
-55
+140
Storage Temperature Range
TS
-65
+150
Maximmum Junction Temperature
TJ
-+150
Lead Temperature (Soldering 10sec)
TL
-+300
Pass Transistor Thermal Resistance, Junction to Case
RTHJC
-1.0
°C/W
°C
IO
A
-
See Fig 4
V
Product Summary
Part Number
IO
VIN
VOUT
IRUH330118BK
IRUH330118BP
3.0A
3.3V
1.8V
MO-078AA
(5962F1023503K)
PD-97591B


Similar Part No. - IRUH330118BPA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330118BPA IRF-IRUH330118BPA Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330118BPA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1B IRF-IRUH3301A1B Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A2AK IRF-IRUH3301A2AK_12 Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH33P183A1M IRF-IRUH33P183A1M Datasheet
65Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH50P253B1M IRF-IRUH50P253B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH33P183B1M IRF-IRUH33P183B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com