Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

170M3218 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part No. 170M3218
Description  Square Body-DIN 43 653
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M3218 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M3218 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M3218 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-11-01
SB01191
Bussmann®
Form No.
Page 1 of 2
BIF Doc #720014
Square Body – DIN 43 653
690V/700V (IEC/U.L.)
40-2000A
Electrical Characteristics
Ordering Information
Curves
-TN/80
-TN/110
Rated
I2t (A2S)
-/80
Type T
-/110
Type T
Carton
Current
Clearing
Watts
Visual
Indicator
Visual
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 660V
Loss
Indicator
for Micro
Indicator
for Micro
Qty.
(kg)
BIF #
40
40
270
9
170M3008
170M3058
170M3158
170M3208
50
77
515
11
170M3009
170M3059
170M3159
170M3209
63
115
770
14
170M3010
170M3060
170M3160
170M3210
80
185
1250
18
170M3011
170M3061
170M3161
170M3211
100
360
2450
21
170M3012
170M3062
170M3162
170M3212
125
550
3700
26
170M3013
170M3063
170M3163
170M3213
160
1100
7500
30
170M3014
170M3064
170M3164
170M3214
200
2200
15000
35
170M3015
170M3065
170M3165
170M3215
5
1.50
17056314
1*
250
4200
28500
40
170M3016
170M3066
170M3166
170M3216
315
7000
46500
50
170M3017
170M3067
170M3167
170M3217
350
10000
68500
55
170M3018
170M3068
170M3168
170M3218
400
15000
105000
60
170M3019
170M3069
170M3169
170M3219
450
21000
140000
65
170M3020
170M3070
170M3170
170M3220
500
27000
180000
70
170M3021
170M3071
170M3171
170M3221
550
34000
230000
75
170M3022
170M3072
170M3172
170M3222
630
48500
325000
80
170M3023
170M3073
170M3173
170M3223
200
1650
11500
45
170M4008
170M4058
170M4158
170M4208
3
1.29
250
3100
21000
55
170M4009
170M4059
170M4159
170M4209
(-/80)
315
6200
42000
58
170M4010
170M4060
170M4160
170M4210
350
8500
59000
60
170M4011
170M4061
170M4161
170M4211
400
13500
91500
65
170M4012
170M4062
170M4162
170M4212
450
17000
120000
70
170M4013
170M4063
170M4163
170M4213
2
1
500
25000
170000
72
170M4014
170M4064
170M4164
170M4214
(-/110)
0.94
17056316
550
34000
230000
75
170M4015
170M4065
170M4165
170M4215
630
52000
350000
80
170M4016
170M4066
170M4166
170M4216
700
69500
465000
85
170M4017
170M4067
170M4167
170M4217
800
105000
725000
95
170M4018
170M4068
170M4168
170M4218
‡900
155000
‡850000
100
170M4019
170M4069
170M4169
170M4219
400
11000
74000
65
170M5008
170M5058
170M5158
170M5208
450
15500
105000
70
170M5009
170M5059
170M5159
170M5209
500
21500
145000
75
170M5010
170M5060
170M5160
170M5210
550
28000
190000
80
170M5011
170M5061
170M5161
170M5211
630
41000
275000
90
170M5012
170M5062
170M5162
170M5212
2
700
60500
405000
95
170M5013
170M5063
170M5163
170M5213
2
1.20
17056318
800
86000
575000
105
170M5014
170M5064
170M5164
170M5214
900
125000
840000
110
170M5015
170M5065
170M5165
170M5215
1000
180000
1250000
115
170M5016
170M5066
170M5166
170M5216
1100
245000
1600000
120
170M5017
170M5067
170M5167
170M5217
1250
365000
2400000
130
170M5018
170M5068
170M5168
170M5218
500
14000
95000
95
170M6008
170M6058
170M6158
170M6208
2
1.66
550
19500
135000
100
170M6009
170M6059
170M6159
170M6209
(-/80)
630
31000
210000
105
170M6010
170M6060
170M6160
170M6210
700
44500
300000
110
170M6011
170M6061
170M6161
170M6211
800
69500
465000
115
170M6012
170M6062
170M6162
170M6212
900
100000
670000
120
170M6013
170M6063
170M6163
170M6213
3
1000
140000
945000
125
170M6014
170M6064
170M6164
170M6214
1
1100
190000
1300000
130
170M6015
170M6065
170M6165
170M6215
(-/110)
0.89
17056320
1250
290000
1950000
140
170M6016
170M6066
170M6166
170M6216
1400
370000
2450000
155
170M6017
170M6067
170M6167
170M6217
1500
460000
3100000
160
170M6018
170M6068
170M6168
170M6218
1600
580000
3900000
160
170M6019
170M6069
170M6169
170M6219
†1800
880000
†5250000
165
170M6020
170M6070
170M6170
170M6220
‡2000
1150000
‡6350000
175
170M6021
170M6071
170M6171
170M6221
Interrupting rating 200kA (Estimated 300kA)RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †600V ‡550V (Consult Bussmann for U.L. Recognition/ CSA Component Acceptance status.)
Microswitch indicator ordered separately.
®
R


Similar Part No. - 170M3218

ManufacturerPart No.DatasheetDescription
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
170M3219 COOPER-170M3219 Datasheet
48Kb / 2P
   Electrical Characteristics
More results

Similar Description - 170M3218

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
353907 COOPER-353907 Datasheet
51Kb / 2P
   Square Body ??DIN 43 653
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653
170M3016 COOPER-170M3016 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz