Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 2Page - International Rectifier IRS2166DSPBF Datasheet HTML 3Page - International Rectifier IRS2166DSPBF Datasheet HTML 4Page - International Rectifier IRS2166DSPBF Datasheet HTML 5Page - International Rectifier IRS2166DSPBF Datasheet HTML 6Page - International Rectifier IRS2166DSPBF Datasheet HTML 7Page - International Rectifier IRS2166DSPBF Datasheet HTML 8Page - International Rectifier IRS2166DSPBF Datasheet HTML 9Page - International Rectifier IRS2166DSPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IRS2166D(S)PbF
www.irf.com
Page 6
State Diagram
SD/EOL > 5.0V (VSDTH+)
(Lamp Removal)
UVLO Mode
1/
2-Bridge Off
I
QCCUV ≅ 250μA
CPH = 0V
CT = 0V
PFC Off
PREHEAT Mode
1/
2-Bridge oscillating @ fPH
RPH // RT
CPH Charging
PFC Enabled (High Gain)
CS Enabled
Fault Counter Enabled
VCC > 12.5 V (VCCUV+)
and
SD/EOL < 3.0 V (VSDTH-)
Power Turned On
FAULT Mode
Fault Latch Set
1/
2-Bridge Off
I
QCCFLT ≅ 600μA
CPH = 0 V
CT = 0 V
PFC Off
SD/EOL > 5.0 V (VSDTH+)
(Lamp Removal)
or
VCC < 10.5 V (VCCUV-)
(Power Turned Off)
CPH > 10.8 V (VCPHEOP)
IGNITION Mode
RPH Open
f
PH ramps to fRUN
CPH charging
PFC = High Gain Mode
CS Enabled
Fault Counter Enabled
CS > 1.2 V (VCSTH+) (single event)
or
SD/EOL < 1.0 V (VEOLTH-)
or
SD/EOL > 3.0 V (VEOLTH+)
RUN Mode
RPH = Open
1/2-Bridge Oscillating @f
RUN
PFC = Low Gain Mode
VBUS UV Threshold Enabled
CS Enabled
Fault Counter Disabled
VBUS < 3.0 V
(VBUSUV)
CS > 1.2 V
(VCSTH+) for 100
events (nEVENTS)
Discharge
VCC to
UVLO
CPH > 12.0 V (VCPHRUN)
CS > 1.2 V (VCSTH+) for 100
events (nEVENTS)
VCC < 10.5 V (VCCUV-)
(Power Turned Off)
All values are typical. Applies to application diagram on page 1.


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com