Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166D Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2166D
Description  PFC BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166D Datasheet(HTML) 1 Page - International Rectifier

  IRS2166D Datasheet HTML 1Page - International Rectifier IRS2166D Datasheet HTML 2Page - International Rectifier IRS2166D Datasheet HTML 3Page - International Rectifier IRS2166D Datasheet HTML 4Page - International Rectifier IRS2166D Datasheet HTML 5Page - International Rectifier IRS2166D Datasheet HTML 6Page - International Rectifier IRS2166D Datasheet HTML 7Page - International Rectifier IRS2166D Datasheet HTML 8Page - International Rectifier IRS2166D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.irf.com
Page 1
IRS2166D(S)PbF
PFC + BALLAST CONTROL IC
Features
PFC, ballast control and 600 V half-bridge driver in one IC
Critical-conduction mode boost-type PFC
Programmable half-bridge over-current protection
Programmable preheat frequency
Programmable deadtime
Programmable preheat time
Programmable run frequency
RoHS compliant
Description
The IRS2166D is a fully integrated, fully protected 600 V
ballast control IC designed to drive all types of fluorescent
lamps. The IRS2166D is based on the popular IR2166
control IC with additional improvements to increase ballast
performance. PFC circuitry operates in critical conduction
mode and provides high PF, low THD, and DC bus
regulation. The IRS2166D features include programmable
preheat and run frequencies, programmable preheat time,
and programmable end-of-life protection. Comprehensive
protection features such as protection from failure of a lamp
to strike, filament failures, end-of-life protection, DC bus
undervoltage reset as well as an automatic restart function,
have been included in the design.
Application Diagram (Typical Only)
End-of-life window comparator pin
Internal up/down current-sense fault counter
DC bus undervoltage reset
Lamp removal/auto-restart shutdown pin
Internal bootstrap MOSFET
Internal 15.6 V zener clamp diode on VCC
Micropower startup (250 µA)
Latch immunity and ESD protection
System Features
Improved VBUS regulation voltage tolerance
Increased SD pin shutdown voltage threshold hysteresis
Changed EOL pin internal 2.0 V bias to a +/-10 µA OTA
Internal bootstrap MOSFET
Packages
16-Lead PDIP
16-Lead SOIC
IRS2166DPbF
IRS2166DSPbF
Datasheet No. PD60292


Similar Part No. - IRS2166D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IRS2166DPBF IRF-IRS2166DPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IRS2166DSTRPBF IRF-IRS2166DSTRPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com