Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VKQ100MS05 Datasheet(PDF) 5 Page - C&D Technologies

Part No. VKQ100MS05
Description  100 WATT, 5.0VOUT, QUARTER BRICK DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CANDD [C&D Technologies]
Homepage  http://www.cdpowerelectronics.com
Logo 

VKQ100MS05 Datasheet(HTML) 5 Page - C&D Technologies

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
VKQ100MS05
REV A 4/2003
Product: www.cdpoweronline.com
TYPICALPERFORMANCECURVES
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D
Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may
be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any
specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and in user’s
specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Power Electronics Division, Americas
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.295.4197
C&D Technologies, EMEA/Asia/Pacific
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
0
20
40
60
80
100
0
2
4
6
8
10
12
14
16
18
20
OUTPUT RIPPLE & NOISE (mV pk-pk) vs. OUTPUT LOAD (A) @ 20MHz; T
A +25
0C; Vin = 48Vdc
Output Load (A)
76
78
80
82
84
86
88
90
36
39
42
45
48
51
54
57
60
63
66
69
72
75
OUTPUT RIPPLE & NOISE (mV pk-pk) vs. INPUT VOLTAGE (Vdc) @ 20MHz; T
A +25
0C; Io = 20A
Input Voltage (Vdc)
80
84
88
92
96
100
-40
-30
-20
-10
0
10
20
30
40
50
60
70
OUTPUT RIPPLE & NOISE (mV pk-pk) vs. AMBIENT TEMP. (0C) @ 20MHz; Vin = 48Vdc; Io = 20A
Ambient Temperature (0C)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn