Electronic Components Datasheet Search |
|
IRMCF143TR Datasheet(PDF) 9 Page - International Rectifier |
|
IRMCF143TR Datasheet(HTML) 9 Page - International Rectifier |
9 / 35 page IRMCF143S 9 www.irf.com © 2013 International Rectifier Submit Datasheet Feedback Month xx, year 4.1 8051 Peripheral Interface Group UART Interface P1.2/TXD Output, Transmit data from IRMCF143S P1.1/RXD Input, Receive data to IRMCF143S Discrete I/O Interface P1.0/PULSE/T2/MT1 Input/output port 1.0, can be configured as Timer/Counter 2 input or MCE pin timer 1 output, allocated by MCE as Pulse Input P1.1/RXD Input/output port 1.1, can be configured as RXD input P1.2/TXD Input/output port 1.2, can be configured as TXD output P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock output P1.4/ENC-A Input/output port 1.4, allocated by MCE as Encoder-A input P1.5 Input/output port 1.5 P1.6/ENC-B Input/output port 1.6, allocated by MCE as Encoder-B input P1.7/ENC-Z Input/output port 1.7, allocated by MCE as Encoder-Z input P2.0/DIR/NMI Input/output port 2.0, can be configured as non-maskable interrupt input, allocated by MCE as Direction Input P2.1 Input/output port 2.1 P2.2/CAP Input/output port 2.2, can be configured as capture timer input P2.3/MATCH Input/output port 2.3, can be configured as MATCH output P2.5/INT2 Input/output port 2.5, can be configured as INT2 input P2.6/AO0 Input/output port 2.6, can be configured as AO0 output P2.7/AO1/MT2 Input/output port 2.7, can be configured as AO1 output or MCE pin timer 2 output P3.0/CS1 Input/output port 3.0, can be configured as SPI chip select 1 P3.1/AO2/MT3 Input/output port 3.1, can be configured as AO2 output or MCE pin timer 3 output P3.2/INT0 Input/output port 3.2, can be configured as INT0 input P3.3/HALL-3/INT1 Input/output port 3.3, can be configured as INT1 input, allocated by MCE as Hall-3 input P3.4/HALL-1/T0 Input/output port 3.4, can be configured as Timer 0 input, allocated by MCE as Hall- 1 input P3.5/HALL-2/T1 Input/output port 3.5, can be configured as Timer 1 input, allocated by MCE as Hall- 2 input P3.6 Input/output port 3.6 P3.7 Input/output port 3.7 P5.1/TDI Input port 5.1, configured as JTAG port by default P5.2/TMS Input port 5.2, configured as JTAG port by default Analog Output Interface P2.6/AO0 Input/output, can be configured as 8-bit PWM output 0 with programmable carrier frequency P2.7/AO1 Input/output, can be configured as 8-bit PWM output 1 with programmable carrier frequency P3.1/AO2 Input/output, can be configured as 8-bit PWM output 2 with programmable carrier frequency Crystal Interface XTAL0 Input, connected to crystal XTAL1 Output, connected to crystal Reset Interface RESET Input and Output, system reset, doesn’t require external RC time constant I 2C Interface SCL/SO-SI Output, I 2C clock output, or SPI data |
Similar Part No. - IRMCF143TR |
|
Similar Description - IRMCF143TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |