Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VKP60XT Datasheet(PDF) 5 Page - C&D Technologies

Part No. VKP60XT
Description  60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CANDD [C&D Technologies]
Homepage  http://www.cdpowerelectronics.com
Logo 

VKP60XT Datasheet(HTML) 5 Page - C&D Technologies

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
VKP100xT
REV E
3/01
Product: www.cdpowerelectronics.com
Specifications are at T
CASE = +40°C nominal input voltage, nominal load,
recommended external components
applied, unless otherwise specified. (Refer to Application Note DCAN-9 at www.cdpowerelectronics.com)
TYPICALPERFORMANCECURVES
VKP60xT512
VKP60xT515
VKP60xT312
VKP60xT315


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn