Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDC3072T0315 Datasheet(PDF) 2 Page - XP Power Limited

Part # RDC3072T0315
Description  30 Watts RDC Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC3072T0315 Datasheet(HTML) 2 Page - XP Power Limited

  RDC3072T0315 Datasheet HTML 1Page - XP Power Limited RDC3072T0315 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21-May-13
RDC30
Notes
1. Input current specified at nominal 72 V or 110 V input.
2. Cross regulation for duals is ±5% when one output is at 100% and the other is
varied between 25% and 100%. Cross regulation for triples is ±5% when main
output and one auxiliary is at 25% and the other is varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor in parallel with 10 µF electrolytic
capacitor across output rails.
4. Add suffix ‘-HK’ for optional heatsink.
5
4
6
7
6
4
5
2
1
Bottom View
Single & Dual
Output Models
Bottom View
Triple Output
Models
3
0.10
(2.54)
0.10
(2.54)
DIA
0.04
(1.00)
DIA
0.04
(1.00)
DIA
0.04
(1.00)
0.10
(2.54)
0.20
(5.00)
0.20
(5.00)
0.30
(7.62)
0.30
(7.62)
0.30
(7.62)
0.20
(5.08)
0.20
(5.08)
0.17
(4.36)
1.73
(43.9)
2.00
(50.8)
0.02
(0.50)
0.24
(6.00)
0.64
(16.3)
0.20
(5.08)
0.30
(7.62)
0.30
(7.62)
0.10
(2.54)
0.10
(2.54)
0.10
(2.54)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.40
(10.16)
2
3
1
Optional
Heatsink
Mechanical Details
Application Notes
-40 -20
0
10 20 30 40 50 60 70 80 90 100
20
40
60
80
100
Ambient Temperature (ºC)
0
with optional heatsink
58ºC
Derating Curve
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
3 Remote On/Off Remote On/Off Remote On/Off
4
+Vout
+Vout
+Vout 2
5
-Vout
Com
-Vout 3
6
Trim
-Vout
Com
7
+Vout 1
Typical Resistor
S3V3
S05
S12
S15
Trim Down 10%
15.3 k
Ω 15.3kΩ 5.3kΩ 5.8kΩ
Trim Up 10%
10.3 k
Ω 15.3kΩ 22.1kΩ 20.0kΩ
1. All dimensions are in inches (mm).
2. Weight: 0.07 lbs (30 g) approx
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
External Output Trim
R trim-up
R trim-down
6
5
6
4
Output can be externally
trimmed using this method.
Contact sales for details.
On single output versions only.
Models and Ratings
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number(4)
No Load
Full Load
36-140 VDC
3.3 V
7.50 A
25 mA
386 mA
20000 µF
89%
RDC3072S3V3
5.0 V
6.00 A
25 mA
458 mA
14000 µF
91%
RDC3072S05
12.0 V
2.50 A
20 mA
470 mA
2000 µF
88%
RDC3072S12
15.0 V
2.00 A
20 mA
466 mA
2000 µF
89%
RDC3072S15
±5.0 V
±3.00 A
40 mA
468 mA
±3000 µF
89%
RDC3072D05
±12.0 V
±1.25 A
25 mA
471 mA
±1300 µF
88%
RDC3072D12
±15.0 V
±1.00 A
20 mA
471 mA
±1300 µF
88%
RDC3072D15
+3.3 V, ±12.0 V
5.00 A, ±0.42 A
25 mA
414 mA
15000, ±220 µF
89%
RDC3072T0312
+3.3 V, ±15.0 V
5.00 A, ±0.33 A
25 mA
414 mA
15000, ±220 µF
88%
RDC3072T0315
+5.0 V, ±12.0 V
4.00 A, ±0.42 A
25 mA
464 mA
8000, ±220 µF
90%
RDC3072T0512
+5.0 V, ±15.0 V
4.00 A, ±0.33 A
25 mA
464 mA
8000, ±220 µF
90%
RDC3072T0515
55-176 VDC
3.3 V
7.50 A
20 mA
254 mA
20000 µF
88%
RDC30110S3V3
5.0 V
6.00 A
25 mA
303 mA
14000 µF
90%
RDC30110S05
12.0 V
2.50 A
20 mA
310 mA
2000 µF
88%
RDC30110S12
15.0 V
2.00 A
20 mA
308 mA
2000 µF
88%
RDC30110S15
±5.0 V
±3.00 A
35 mA
308 mA
±3000 µF
88%
RDC30110D05
±12.0 V
±1.25 A
25 mA
310 mA
±1300 µF
88%
RDC30110D12
±15.0 V
±1.00 A
20 mA
311 mA
±1300 µF
87%
RDC30110D15
+3.3 V, ±12.0 V
5.00 A, ±0.42 A
20 mA
274 mA
15000, ±220 µF
88%
RDC30110T0312
+3.3 V, ±15.0 V
5.00 A, ±0.33 A
20 mA
274 mA
15000, ±220 µF
87%
RDC30110T0315
+5.0 V, ±12.0 V
4.00 A, ±0.42 A
25 mA
307 mA
8000, ±220 µF
89%
RDC30110T0512
+5.0 V, ±15.0 V
4.00 A, ±0.33 A
25 mA
307 mA
8000, ±220 µF
88%
RDC30110T0515


Similar Part No. - RDC3072T0315

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC30-100K-RC ALLIED-RDC30-100K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
RDC30-100K-RC ALLIED-RDC30-100K-RC Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC30-101K-RC ALLIED-RDC30-101K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
RDC30-101K-RC ALLIED-RDC30-101K-RC Datasheet
369Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC3072T0315

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RDC20 XPPOWER-RDC20 Datasheet
113Kb / 2P
   20 Watts RDC Series
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
   30 Watts JTL Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
logo
Rosenberger Hochfrequen...
98W010-000 ROSENBERGER-98W010-000 Datasheet
41Kb / 1P
   Microscope Adapter RDC male
logo
Astec America, Inc
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
   30 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
   30 Watts
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
   30 Watts
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
   30 Watts
logo
XP Power Limited
ECL05 XPPOWER-ECL05 Datasheet
1Mb / 6P
   5-30 Watts ECL Series
ECL15UD01-S XPPOWER-ECL15UD01-S Datasheet
450Kb / 6P
   530 Watts ECL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com