Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLMS1902PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLMS1902PBF
Description  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS1902PBF Datasheet(HTML) 7 Page - International Rectifier

  IRLMS1902PBF Datasheet HTML 1Page - International Rectifier IRLMS1902PBF Datasheet HTML 2Page - International Rectifier IRLMS1902PBF Datasheet HTML 3Page - International Rectifier IRLMS1902PBF Datasheet HTML 4Page - International Rectifier IRLMS1902PBF Datasheet HTML 5Page - International Rectifier IRLMS1902PBF Datasheet HTML 6Page - International Rectifier IRLMS1902PBF Datasheet HTML 7Page - International Rectifier IRLMS1902PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLMS1902PbF
www.irf.com
7
Micro6 (SOT23 6L) Part Marking Information
Micro6 (SOT23 6L) Package Outline
Dimensions are shown in milimeters (inches)
LEAD ASSIGNMENTS
RECOMMENDED FOOTPRINT
DD
D
D
S
G
1
2
3
6
5
4
0 -10
O
O
0.60 (.023 )
0.10 (.004 )
0.20 (.007 )
0.09 (.004 )
6X
1.30 (.051 )
0.90 (.036 )
-C-
0.15 (.006 )
MAX.
1.45 (.057 )
0.90 (.036 )
6 SURFACES
0.10 (.004 )
0.50 (.019 )
0.35 (.014 )
6X
2X
0.95 ( .0375 )
1.75 (.068 )
1.50 (.060 )
-A-
3.00 (.118 )
2.80 (.111 )
-B-
3.00 (.118 )
2.60 (.103 )
1
2
3
6
5
4
6X 0.65 (.025 )
2.20 (.087 )
6X (1.06 (.042 )
2X 0.95 (.0375 )
NOTES :
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982.
2. CONTROLLING DIMENSION : MILLIMETER.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES).
0.15 (.006 ) M C A S B S
E
H = IRLMS6803
2005
W = (1-26) IF PRECEDED BY LAST DIGIT OF CALENDAR YEAR
W = (27-52) IF PRECEDED BY A LETTER
A = IRLMS1902
B = IRLMS1503
C = IRLMS6702
D = IRLMS5703
F = IRLMS4502
E = IRLMS6802
G = IRLMS2002
PART NUMBER CODE REFERENCE:
PART NUMBER
Y = YEAR
W = WEEK
TOP
CODE
LOT
X
24
0
2010
WEEK
WORK
04
4
2004
2001
YEAR
2002
2003
01
1
Y
2
3
02
03
2007
2005
2006
2009
2008
7
5
6
8
9
D
A
W
B
C
WEEK
WORK
25
26
2002
YEAR
2001
2003
2004
28
B
Y
A27
C
D
29
30
Y
Z
B
W
A
C
D
(as shown here) indicates Lead-Free.
Note: A line above the work week
51
2008
2006
2007
2009
2010
H
F
G
J
K50
52
Y
X
Z


Similar Part No. - IRLMS1902PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS1902PBF IRF-IRLMS1902PBF Datasheet
197Kb / 8P
   GENERATION V TECHNOLOGY
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRLMS1902PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com