Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VKP100XT Datasheet(PDF) 5 Page - C&D Technologies

Part No. VKP100XT
Description  100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CANDD [C&D Technologies]
Homepage  http://www.cdpowerelectronics.com
Logo 

VKP100XT Datasheet(HTML) 5 Page - C&D Technologies

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
VKP100xT
REV D
12/2001
Product: www.cdpowerelectronics.com
VKP100xT312
VKP100xT315
VKP100xT512
VKP100xT515
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
10/3.4
20/0
Iout1/(Iout2 + Iout3)(A)
20
15
10
5
0
10/3.4
20/0
LOAD REGULATION
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
15/3.4
30/0
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
10/4.2
20/0
Iout1/(Iout2 + Iout3)(A)
FULL LOAD EFFICIENCY
vs LOAD DISTRIBUTION
90
85
80
75
70
15/4.2
30/0
Iout1/(Iout2 + Iout3)(A)
20
15
10
5.1
0
10/4.2
20/0
LOAD REGULATION
Iout1/(Iout2 + Iout3)(A)
20
15
10
5
0
15/3.4
30/0
LOAD REGULATION
Iout1/(Iout2 + Iout3)(A)
20
15
10
5
0
15/4.2
30/0
LOAD REGULATION
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
3.0/0.8
6.0/1.7
9.0/2.5 12/3.3
15/4.2
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
3.0/0.7
6.0/1.4
9.0/2.0
12/2.9
15/3.4
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
2.0/0.8 4.0/1.7
6.0/2.5
8.0/3.3
10/4.2
70
75
80
85
90
EFFICIENCY vs OUTPUT LOAD
Iout1/(Iout2 + Iout3)(A)
0.50/0
2.0/0.9
4.0/1.4
6.0/2.0
8.0/2.7
10/3.4
3.3V
11.0
14.0
10.5
13.2
13.9
16.7
12.2
12.0
15.3
18
15.9
14.5
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN.
VIN = NOM.
VIN = MAX.
VIN = MIN
VIN = MAX
VIN = MIN
VIN = MAX
VIN = MAX
VIN = MIN
VIN = MAX
VIN = MIN
3.3V
0.5/6.8
0.5/8.4
0.5/8.4
0.5/6.8
0.5/8.4
0.5/8.4
0.5/6.8
0.5/6.8
Specifications are at T
CASE = +40°C nominal input voltage, nominal load,
recommended external components
applied, unless otherwise specified. (Refer to Application Note DCAN-9 at www.cdpowerelectronics.com)
TYPICAL PERFORMANCE CURVES


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn