Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKP100XT Datasheet(PDF) 3 Page - C&D Technologies

Part # VKP100XT
Description  100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKP100XT Datasheet(HTML) 3 Page - C&D Technologies

  VKP100XT Datasheet HTML 1Page - C&D Technologies VKP100XT Datasheet HTML 2Page - C&D Technologies VKP100XT Datasheet HTML 3Page - C&D Technologies VKP100XT Datasheet HTML 4Page - C&D Technologies VKP100XT Datasheet HTML 5Page - C&D Technologies VKP100XT Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
VKP100xT
REV D
12/2001
Product: www.cdpowerelectronics.com
SPECIFICATIONS, ALL MODELS
Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
See Regulation Curves
See Regulation Curves
See Regulation Curves
See Regulation Curves
* See Application Notes available on the web at www.cdpowerelectronics.com
V1
V2
V3
UNITS
PARAMETER
CONDITIONS
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Output Power
Total Combined O/P Power =
100 Watts Maximum
50
100
25
50
25
50
W
Set Point Voltage
I
O Nom
3.3
15.85
15.85
V
Output Current, I
OUT
0.5
15
30.0
0
1.66
3.33
0
1.66
3.33
A
Output Ripple, p-p
DC to 20MHz*
100
200
125
500
125
500
mV
Output Adjust Range
*
3.15
3.80
Dependent on V1
V
Output Temperature Drift
.02
.05
.02
.05
.02
.05
%/°C
Line Regulation
V
IN, Min≤VIN≤VIN, Max
I
O = IO, Nom
0.05
0.10
1.0
2.0
1.0
2.0
%
Load Regulation
Min Load to Rated Load
0.50
1.0
%
Current Limit Inception
Other Outputs Min Load
38
5.0
5.0
A
Short-Circuit Current
30
38
4.0
5.0
4.0
5.0
A
Transient Response
50 to 100% Load Step
Peak Deviation
150
250
mV
Settling Time
V
OUT, 1% of VOUT, Nom
35
50
µSec
Overvoltage Limit
4.2
5.0
V
Efficiency
I
OUT1=15A, (IOUT2+IOUT3) = 3.4A
85
86
%
F.L. V
IN=Nominal
See Regulation Curves
See Regulation Curves
V1
V2
V3
UNITS
PARAMETER
CONDITIONS
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Output Power
Total Combined O/P Power =
100 Watts Combined
50
100
25
50
25
50
W
Set Point Voltage
I
O Nom
5.1
12
12
V
Output Current, I
OUT
0.5
10
20
0
2.1
4.2
0
2.1
4.2
A
Output Ripple, p-p
DC to 20MHz*
100
150
150
500
150
500
mV
Output Adjust Range
*
4.75
5.50
Dependent on V1
V
Output Temperature Drift
.02
.05
.02
.05
.02
.05
%/°C
Line Regulation
V
IN, Min≤VIN≤VIN, Max
I
O = IO, Nom
0.05
0.10
1.0
2.0
1.0
2.0
%
Load Regulation
Min Load to Rated Load
0.50
1.0
%
Current Limit Inception
Other Outputs Min Load
26.0
6.0
6.0
A
Short-Circuit Current
20.0
26.0
5.0
6.0
5.0
6.0
A
Transient Response
50 to 100% Load Step
Peak Deviation
200
300
mV
Settling Time
V
OUT, 1% of VOUT, Nom
35
50
µSec
Overvoltage Limit
6.0
7.0
V
Efficiency
I
OUT1=10A, (IOUT2+IOUT3) = 4.2A
86
87
%
F.L. V
IN=Nominal
V1
V2
V3
UNITS
PARAMETER
CONDITIONS
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Output Power
Total Combined O/P Power =
100 Watts Max
50
100
25
50
25
50
W
Set Point Voltage
I
O Nom
5.0
15.3
15.3
V
Output Current, I
OUT
0.5
10
20
0
1.66
3.33
0
1.66
3.33
A
Output Ripple, p-p
DC to 20MHz*
100
150
125
500
125
500
mV
Output Adjust Range
*
4.60
5.50
Dependent on V1
V
Output Temperature Drift
.02
.05
.02
.05
.02
.05
%/°C
Line Regulation
V
IN, Min≤VIN≤VIN, Max
I
O = IO, Nom
0.05
1.0
1.0
2.0
1.0
2.0
%
Load Regulation
Min Load to Rated Load
0.05
1.0
%
Current Limit Inception
Other Outputs Min Load
26.0
5.0
5.0
A
Short-Circuit Current
20.0
26.0
4.0
5.0
4.0
5.0
A
Transient Response
50 to 100% Load Step
Peak Deviation
200
300
mV
Settling Time
V
OUT, 1% of VOUT, Nom
35
50
µSec
Overvoltage Limit
6.0
7.0
V
Efficiency
I
OUT1=10A, (IOUT2+IOUT3) = 4.2A
86
87
%
F.L. V
IN=Nominal


Similar Part No. - VKP100XT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT315 MURATA-PS-VKP100MT315 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT315C MURATA-PS-VKP100MT315C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT512 MURATA-PS-VKP100MT512 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results

Similar Description - VKP100XT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
   100 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
   100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
   100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
C&D Technologies
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
   100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
   100 Watt | Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com