Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR1242 Datasheet(PDF) 2 Page - C&D Technologies

Part # PWR1242
Description  3 WATT UNREGULATED DC/DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1242 Datasheet(HTML) 2 Page - C&D Technologies

  PWR1242 Datasheet HTML 1Page - C&D Technologies PWR1242 Datasheet HTML 2Page - C&D Technologies PWR1242 Datasheet HTML 3Page - C&D Technologies PWR1242 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PWR12XX 11/98
REV C
Page 2
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
10
GW
Capacitance
90
pF
Leakage Current
VISO = 240VAC, 60HZ
10
µArms
OUTPUT
Rated Power
3
W
Voltage Setpoint Accuracy
Rated Load, Nominal VIN
±3
±5
%
Temperature Coefficient
±0.02
%/%°C
Ripple and Noise
(BW = DC to 20MHz)
No External Components
150
mVp-p
10µF Across Each Output
10
mVrms
10µF Across Each Output
30
mVp-p
Voltage
No Load,VOUT = +5V
7
VDC
No Load,VOUT = ±12V
±15
VDC
No Load,VOUT = ±15V
±18
VDC
Line Regulation
1.2
%/%V
IN
Load
No Load To Rated Load
6
%
GENERAL
Package Weight
12
g
Switching Frequency
150
kHz
MTTF per MIL-HDBK-217, Rev E*
Circuit Stress Method
700
kHr
Efficiency
75
%
TEMPERATURE
Specification
–25
+25
+85
°C
Operation
–40
+125
°C
Storage
–40
+125
°C
* For demonstrated MTTF results reference Power Convertible's Reliability Report PWR1205
NOMINAL
RATED
RATED
REFLECTED
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
NO LOAD
RATED LOAD
RIPPLE CURRENT
MODEL
(VDC)(VDC)
(mA)
(mA)
(mA)
(mAp-p)
PWR1200
5
5
600
30
800
45
PWR1201
5
12
250
30
800
45
PWR1202
5
15
200
30
800
45
PWR1203
5
±5
±300
30
800
45
PWR1204
5
±12
±125
30
800
45
PWR1205
5
±15
±100
30
800
45
PWR1206
12
5
600
30
330
25
PWR1207
12
12
250
30
330
25
PWR1208
12
15
200
30
330
25
PWR1209
12
±5
±300
30
330
25
PWR1210
12
±12
±125
30
330
25
PWR1211
12
±15
±100
30
330
25
PWR1212
15
5
600
30
265
20
PWR1213
15
12
250
30
265
20
PWR1214
15
15
200
30
265
20
PWR1215
15
±5
±300
30
265
20
PWR1216
15
±12
±125
30
265
20
PWR1217
15
±15
±100
30
265
20
PWR1218
24
5
600
30
165
20
PWR1219
24
12
250
30
165
20
PWR1220
24
15
200
30
165
20
PWR1221
24
±5
±300
30
165
20
PWR1222
24
±12
±125
30
165
20
PWR1223
24
±15
±100
30
165
20
PWR1240
5
9
333
30
800
45
PWR1241
12
9
333
30
330
25
PWR1242
15
9
333
30
265
20
PWR1243
24
9
333
30
165
20
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise noted.
INPUT CURRENT
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, rated input voltage, rated output current unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - PWR1242

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1242C MURATA-PS-PWR1242C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
More results

Similar Description - PWR1242

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com