Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCG1212D12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCG1212D12
Description  12/15 Watts JCG Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCG1212D12 Datasheet(HTML) 1 Page - XP Power Limited

  JCG1212D12 Datasheet HTML 1Page - XP Power Limited JCG1212D12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
12/15 Watts
High Power Density
2:1 Input Range
Operating Temperature 40 °C to +100 °C
Single & Dual Outputs
Remote On/Off
1600 VDC Isolation
3 Year Warranty
JCG Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Input Reflected
• 20 mA pk-pk through 12 µH inductor
Ripple Current
Input Surge
• 12 V models 36 VDC for 1000 ms
24 V models 50 VDC for 1000 ms
48 V models 100 VDC for 1000 ms
Undervoltage Lockout
• None
Input Reverse Voltage
• None
Protection
Output
Output Voltage
• See table
Minimum Load
• No minimum load required
Initial Set Accuracy
• ±1.2% max for JCG12, ±1.0% for JCG15
Start Up Delay
• 20 ms max
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max single, ±1.0% max dual
Cross Regulation
• ±5% on dual output models (see note 2)
Transient Response
• <3% deviation, recovery to within 1% in
250 µs for a 25% load change
Ripple & Noise
• 85 mV pk-pk, 20 MHz bandwidth for
JCG12,
60 mV pk-pk, 20 MHz bandwidth for
JCG15 (see note 3)
Overload Protection
• >150% of full load
Overvoltage Protection
• 2.5/3.3 V models: 3.9 V typical
5 V models: 6.2 V typical
12 V models: 15.0 V typical
15 V models: 18.0 V typical
±12 V models: ±15.0 V typical
±15 V models: ±18.0 V typical
Short Circuit Protection
• Trip & restart (hiccup) with auto recovery
Maximum Capacitive
• See table
Load
Temperature
• ±0.02/°C max
Coefficient
Remote On/Off
• ON >3.0 VDC or open circuit
OFF <1.2 VDC or short circuit pin 1, 2 & 3
xppower.com
General
Efficiency
• See tables
Isolation Voltage
• 1600 VDC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 2000 µF max
Switching Frequency
• 330 kHz typical
Power Density
• 30 W/in3 for JCG12, 37.5 W/in3 for JCG15
MTBF
• >1.0 MHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +100 °C, derate from 100% load
at +60 °C to no load at +100 °C
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Humidity
• Up to 95%, non-condensing
Cooling
• Natural convection
EMC
Emissions
• EN55022 Class A conducted and radiated
with external components - see
application note
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3, Perf Criteria A*
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A*
Conducted Immunity
• EN61000-4-6, 10 Vrms, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
* A 330 µF, 100 V capacitor is required across input terminals to meet
performance criteria A.


Similar Part No. - JCG1212D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCG1212D12 XPPOWER-JCG1212D12 Datasheet
91Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JCG1212D12

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
VCP15 XPPOWER-VCP15 Datasheet
136Kb / 2P
   15 Watts VCP Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
XP Power Limited
JTF0824S3V3 XPPOWER-JTF0824S3V3 Datasheet
280Kb / 2P
   815 Watts JTF Series
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
logo
List of Unclassifed Man...
WU100 ETC-WU100 Datasheet
52Kb / 2P
   10/15 Watts WU Series
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com