Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMH350PS24 Datasheet(PDF) 3 Page - XP Power Limited

Part # EMH350PS24
Description  250/350 Watts EMH Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH350PS24 Datasheet(HTML) 3 Page - XP Power Limited

  EMH350PS24 Datasheet HTML 1Page - XP Power Limited EMH350PS24 Datasheet HTML 2Page - XP Power Limited EMH350PS24 Datasheet HTML 3Page - XP Power Limited EMH350PS24 Datasheet HTML 4Page - XP Power Limited EMH350PS24 Datasheet HTML 5Page - XP Power Limited EMH350PS24 Datasheet HTML 6Page - XP Power Limited EMH350PS24 Datasheet HTML 7Page - XP Power Limited EMH350PS24 Datasheet HTML 8Page - XP Power Limited EMH350PS24 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMH350
Mechanical Details
Models and Ratings
Single Outputs
Notes
Output Voltage V1
Output Current V1
Standby Supply
Fan Supply V3
Output Power
Model Number(1)
12 V
29.2 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS12
18 V
19.5 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS18
24 V
14.6 A
5.0 V / 2.0 A
12 V/0.6 A
355 W
EMH350PS24
48 V
7.3 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS48
5.0 (127.0)
3.0
(76.2)
4.55 (115.6)
2.55
(64.8)
0.22 (5.7)
M3 mounting holes in 4 positions
0.22
(5.7)
1.43
(36.3)
L
N
E
0.73
(18.6)
Input Terminal
Block Center Line
Input Terminal Block
CON 1
0.65
(16.7)
0.90
(23.0)
0.35
(9.1)
Output Connector
Center Line
Output Connector
Center Line
Signals Connector*
Output Adjust
Output Terminals
M4 Pan HD screws
in 2 positions
Torque to 8 lbs-in
(90 cNm) max
Recommended
Airflow
Direction
Signals Connector 10 way 2 mm
pitch p/n JST BI0B-PHDSS
Mating Half - p/n JST PHDR-10VS,
Contact- 26-22 AWG p/n
JST SPHD-001T-P0.5
*Signals Connector Top View
(pin 2) +VE Standby
+VE Standby (pin 1)
-VE Standby
-VE Standby
Fan -VE
Fan +VE
-VE Sense
+ VE Sense
(pin 10) N/C
N/C (pin 9)
(pin 1)
L
N
E
-V1 Con 3
+V1 Con 2
C3
C5
T1
D5
Input Terminal Block
CON 1
5.0 (127.0)
0.73
(18.6)
3.0
(76.2)
0.65
(16.7)
0.90
(23.0)
Output Connector
Center Line
Output Connector Center Line
0.35 (9.1)
Signals Connector*
Pin 1
Voltage Adjust
Output Terminals
M4 Pan HD screws
in 2 positions
Torque to 8 lbs-in
(90 cNm) max
1.43
(36.3)
2.55
(64.8)
0.22 (5.7)
M3 mounting holes in 4 positions
4.55 (115.6)
0.22
(5.7)
Input Terminal
Block Center Line
Recommended
Airflow
Direction
(pin 1)
L
N
E
-V1 Con 3
+V1 Con 2
EMH350
EMH350 (Signal Options)
Notes
1. Dimensions shown in inches (mm). Tolerance: ±0.02 (±0.5)
2. Weight: 0.9 lb (410 g).
Input Connector CON 1
TYCO part # 640445-5
1
Line
2
Neutral
3
Earth
EMH350PSXX-01 & EMH350PSXX-02
1
-VE Standby
2
-VE Standby
3
+VE Standby
4
+VE Standby
5 +VE Fan Supply 6 -VE Fan Supply
7
+VE Sense
8
-VE Sense
9
Current Share 10
Inhibit
11
Power Fail
12
N/C
EMH350PSXX-50
1
-VE Standby
2
-VE Standby
3
+VE Standby
4
+VE Standby
5 +VE Fan Supply 6 -VE Fan Supply
7
+VE Sense
8
-VE Sense
9 Fan Tacho Input 10
I2C GND
11
I2C Data
12
I2C Clock
Output Connector
CON 2
+V1
CON 3
-V1
Signals Connector 12 way 2 mm
pitch p/n JST S12B-PHDSS
Mating Half - p/n JST PHDR-12VS,
Contact- 26-22 AWG p/n
JST SPHD-001T-P0.5
Pin 10
Pin 2
Pin 4
Pin 6
Pin 8
Pin 12
Pin 9
Pin 11
Pin 1
Pin 3
Pin 5
Pin 7
1. The EMH350 is available with various analog, digital signal and cover options. See compatibility table and mechanical drawing later in this datasheet.
Mates with Tyco MTA-156
& SL-156 Product Lines


Similar Part No. - EMH350PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH350PS24 XPPOWER-EMH350PS24 Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
EMH350PS24D XPPOWER-EMH350PS24D Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
More results

Similar Description - EMH350PS24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
logo
Astec America, Inc
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
   350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
   350 Watts
logo
Artesyn Technologies
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
   350 Watts
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
   350 Watts
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
   350 Watts
logo
Astec America, Inc
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
   350 Watts LPS350 Series
logo
XP Power Limited
GCS XPPOWER-GCS Datasheet
2Mb / 14P
   AC-DC Power Supplies 150/180/250/350 Watts
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
   350-1400 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com