Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLG75PS36 Datasheet(PDF) 1 Page - XP Power Limited

Part # DLG75PS36
Description  50150 Watts DLG Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLG75PS36 Datasheet(HTML) 1 Page - XP Power Limited

  DLG75PS36 Datasheet HTML 1Page - XP Power Limited DLG75PS36 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
50 150 Watts
AC Input LED Driver
Constant Voltage & Current Operation
High Power Factor
High Efficiency
Water Proof to IP67
90 305 VAC Input Voltage Range
3 Year Warranty
DLG Series
Input
Input Voltage
• 90-305 VAC, see derating curve
Input Frequency
• 47-63 Hz
Input Current
• 50 W: 1.0 A at 115 VAC, 0.5 A at 230 VAC,
75 W: 1.2 A at 115 VAC, 0.6 A at 230 VAC,
100 W: 1.4 A at 115 VAC, 0.7 A at 230 VAC,
150 W: 2.0 A at 115 VAC, 1.0 A at 230 VAC
Inrush Current
• 65 A at 230 VAC, cold start +25 °C
Power Factor
• >0.94 at 230 VAC, full load
Earth Leakage Current
• DLG50/75: 500 µA max at 230 VAC
DLG100/150: 750 µA max at 230 VAC
No Load Input Power
• 0.6 W max at 230 VAC
Input Protection
• DLG50/75 T2.5A/300V fuse fitted in line,
DLG100 T3.15A/300V fuse fitted in line,
DLG150 T4A/300V fuse fitted in line
Output
Output Voltage
• See table
Minimum Load
• No minimum load required
Start Up Delay
• 1.5 s max at 115 VAC
Hold Up Time
• DLG50/75: No hold up
DLG100/150: 16 ms minimum
Line Regulation
• ±0.5%
Load Regulation
• ±1.0% in constant voltage mode,
±5.0% in constant current mode
Turn On Overshoot
• 5% max
Transient Response
• 5% maximum deviation, recovery to within
1% in 10 ms for a 50% load change
Ripple & Noise
• DLG50/75(1)
DLG100/150: 150 mV pk-pk up to 36 V
output, 200 mV for 48 V output, 240 mV
for ≥54 V output (see note 2)
Overvoltage Protection
• 110-142%, recycle mains to reset, only on
DLG100 & DLG150 versions
Overtemperature
• Unit shuts down, recycle mains to reset
Protection
Overload Protection
• 105% maximum, auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• See table
Isolation
• 3750 VAC Input to Output
1880 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• DLG50/75: 40-80 kHz
DLG100/150: PWM 60-80 kHz,
PFC 55-133 kHz
MTBF
• >200 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• DLG50/75: -40 °C to +60 °C
(see derating curve),
DLG100/150: -30 °C to +70 °C
(see derating curve)
Operating Humidity
• 5-100% RH, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 3000 m
Vibration
• 10-500 Hz, 2 g, 10 mins/cycle, 6 cycles in
each of 3 axes
EMC & Safety
Emissions
• EN55015, class B conducted and radiated
Harmonic Currents
• EN61000-3-2, class A
EN61000-3-2, class C for loads >80%
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, 8 kV air and 4 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• EN61347, UL8750, CE Mark
DLG100/150: IEC60950-1, EN60950-1,
UL60950-1
Notes
1. DLG50/75 use a topology which results in increased levels of mains frequency
related ripple. Contact technical sales for details.


Similar Part No. - DLG75PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLG70PS700-A XPPOWER-DLG70PS700-A Datasheet
331Kb / 2P
   70-150 Watts DLG-HV Series
logo
Siemens Semiconductor G...
DLG7137 SIEMENS-DLG7137 Datasheet
167Kb / 4P
   43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com