Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10000200 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 10000200
Description  Let RoseBopla be your partner for standard or customized enclosures.
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10000200 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 10000200 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 10Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 11Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 12Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 13Page - List of Unclassifed Manufacturers 10000200 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
www.Rose-Bopla.com
8
Rose
+Bopla offers the engineer faced with packaging requirements an enormous advantage in finding a
solution. Electronic products need enclosures. Our ability to deliver off-the-shelf enclosures makes
Rose
+Bopla one of the most important partners an engineer could ask for when bringing a product to market.
We offer both electrical and electronic enclosures and have one of the widest ranges of standard off-the-shelf
enclosures in the industry. Rose
+Bopla also offers years of expertise in machining and other value added
services, as well as technical support from an experienced technical sales force. Rose
+Bopla also guarantees
all secondary services and machining 100%, thereby eliminating scrap and additional costs.
The benefits of designing with Rose
+Bopla enclosures are: cost savings, elimination of custom tool/
molding expense, a large off-the-shelf inventory, no scrap, machining expertise and over 30 years experience
in enclosure manufacturing. Take advantage of our experience and reduce your frustrations from dealing with
multiple vendors. Rose
+Bopla can offer you a turnkey solution that is 100% guaranteed.
Rose
+Bopla recognizes that dimensional information is very important to our customers. Therefore, we have
taken advantage of other media channels to provide more comprehensive drawing information. For more
detailed dimensional information, or for CAD drawings:
1. Contact our inside Rose
+Bopla sales staff by telephone at 301-696-9800.
2. Download drawing(s) from our website at www.rose-bopla.com. All product drawings are not
available on the website. Our internal sales staff has access to a larger library of drawings. Please
feel free to call us if you do not find the product drawing you need.
3. Request that the drawing(s) be sent to you via e-mail, by contacting us by phone, 301-696-9800,
or fax us at 301-696-9494.
Rose
+Bopla not only supplies empty standard enclosures, but can also provide and deliver custom designs.
We have skilled technical support personnel in-house that will work with your engineering staff on a custom
enclosure design for your next product. By means of direct communications with you, the customer, we can
create an individual solution to fit your precise requirements.
Rose
+Bopla can injection-mold most plastic enclosures in special colors and/or special materials. Minimum
quantities for special injection runs range from 500 to 1,000 units depending on the enclosure. For special
colors, please send us a sample of the color you would like to match. Rose
+Bopla cannot guarantee an exact
color match. If you need a special material for improved flame retardancy, impact resistance, chemical
resistance, etc., let us know specifically what specifications you need to meet. We will suggest a material
suitable for use in our molds that meets your requirements.
DESIGNING WITH
ROSE
+BOPLA
DRAWINGS
CUSTOM
DESIGNS
SPECIAL
MATERIALS
Drawings & Design Information


Similar Part No. - 10000200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1000020000 ETC2-1000020000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 10000200

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TST_DM TAI-SAW-TST_DM Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
List of Unclassifed Man...
M5512119 ETC2-M5512119 Datasheet
484Kb / 3P
   Attractive, universal enclosures for desktop or portable electronics
logo
Hammond Manufacturing L...
1590B HAMMOND-1590B Datasheet
230Kb / 1P
   Enclosures can be Factory Modified
1411ZU HAMMOND-1411ZU Datasheet
202Kb / 1P
   Enclosures can be Factory Modified
1550E HAMMOND-1550E Datasheet
861Kb / 1P
   Enclosures can be Factory Modified
1590BB HAMMOND-1590BB Datasheet
222Kb / 1P
   Enclosures can be Factory Modified
logo
List of Unclassifed Man...
ANT-2.4-JJB-RA ETC2-ANT-2.4-JJB-RA Datasheet
193Kb / 1P
   Use with plastic* or metal enclosures
logo
Advantech Co., Ltd.
AIM-P508 ADVANTECH-AIM-P508 Datasheet
317Kb / 1P
   Simple cradle for AIM 8" Industrial tab - let
17-Feb-2022
logo
List of Unclassifed Man...
ANT-315-CW-HD ETC2-ANT-315-CW-HD Datasheet
152Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-RAH ETC2-ANT-315-CW-RAH Datasheet
130Kb / 1P
   Use with plastic* or metal enclosures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com