Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VKA100XS Datasheet(PDF) 1 Page - C&D Technologies

Part No. VKA100XS
Description  100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CANDD [C&D Technologies]
Homepage  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VKA100XS Datasheet(HTML) 1 Page - C&D Technologies

  VKA100XS Datasheet HTML 1Page - C&D Technologies VKA100XS Datasheet HTML 2Page - C&D Technologies VKA100XS Datasheet HTML 3Page - C&D Technologies VKA100XS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100 Watt Single Output Half Brick DC/DC Converter
VKA100xS
18-36V and 33 - 75V Input Range
High Efficiency: 87% Typical at
5V
100
µS Transient Response 50-
100% Load Step
420 kHz Fixed-Frequency
Operation
Remote Sense
Operation to +100
°C Baseplate
Temperature
Primary Remote On/Off, Choice of
Pos/Neg Logic
Adjustable Output Voltage
Continuout Short-Circuit Protection
Thermal Shutdown
Case Ground Pin
Corporate: www.cdtechno.com
Product: www.cdpowerelectronics.com
The VKA100xS Series DC/DC
converters present an economical
and practical solution for distrib-
uted power system architectures
which require high power density
and efficiency while maintaining
system modularity and
upgradeability. With the ability to
operate over a wide input voltage
range of 18 to 36 and 33 to 75
volts, these modules are ideal for
use in battery backup applications
common in todays' telecommuni-
cation and electronic data process-
ing applications. The output is
fully isolated from the input,
allowing for a variety of polarity
and grounding configurations.
The VKA100xS's proprietary
control circuitry responds to 50-
100% load steps in 100
µSeconds
to within 1% nominal Vout.
The patented fixed frequency
architecture combined with sur-
face mount technology results in a
compact, efficient and reliable
solution to DC/DC conversion
requirements. Safety Per UL1950,
EN 60950 and CSA 22.2 #234
MODEL
INPUT
VOUT
IOUT
EFFICIENCY
VOLTAGE
(VDC)
(A)
MIN
TYP
VKA100LS02
2.0V
20.0
75
76
VKA100LS02F
2.0V
30.0
73
74
VKA100LS2V5F
2.5V
30.0
75
76
VKA100LS03
3.3V
20.0
80
81
VKA100LS03F
3.3V
30.0
80
81
VKA100LS05
24VDC
5.0V
20.0
85
86
VKA100LS12
12.0V
8.3
87
88
VKA100LS15
(18-36)
15.0V
6.7
88
89
VKA100LS24
24.0V
4.2
89
90
VKA100MS02
2.0V
20.0
76
77
VKA100MS02F
2.0V
30.0
74
75
VKA100MS2V5F
2.5V
30.0
77
78
VKA100MS03
3.3V
20.0
81
82
VKA100MS03F
3.3V
30.0
81
82
VKA100MS05
48VDC
5.0V
20.0
86
87
VKA100MS12
12.0V
8.3
88
89
VKA100MS15
(33-75)
15.0V
6.7
89
90
VKA100MS24
24.0V
4.2
89
90
PRODUCT SELECTION CHART


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn