Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX400-U1A Datasheet(PDF) 1 Page - C&D Technologies

Part # SX400-U1A
Description  400 WATT AC/DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SX400-U1A Datasheet(HTML) 1 Page - C&D Technologies

  SX400-U1A Datasheet HTML 1Page - C&D Technologies SX400-U1A Datasheet HTML 2Page - C&D Technologies SX400-U1A Datasheet HTML 3Page - C&D Technologies SX400-U1A Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SX400 2/98 REV A
Page 1
400 WATT
AC/DC POWER SUPPLY
Product Data Sheet
SX400
3400 E Britannia Drive
• Tucson, Arizona 85706
Phone: 520.295.4100
Fax: 520.770.9369
Internet: http://www.cdpowerelectronics.com
l Active Power Factor Correction
l Active Current Sharing With ORing Diodes
l FCC/VDE Class B EMI Filter
l Optional Active Inrush Current Limit
l Compact Size: 10” x 4.85” x 2.19”
l Optional SCR Crowbar
l Optional Cover With Fan
FEATURES
DESCRIPTION
The SX400 is a compact 400 watt Power Factor
Corrected, single output power supply. Active
current sharing circuitry with ORing diodes, to-
gether with control functions and alarm options,
simplifies N+1 and redundant applications.
AGENCY APPROVALS
See “Safety” section on page 2 for more information


Similar Part No. - SX400-U1A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
128Kb / 4P
   AC/DC POWER SUPPLY
More results

Similar Description - SX400-U1A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX400 CANDD-PX400 Datasheet
164Kb / 4P
   400 WATT AC/DC POWER SUPPLY
PX401 CANDD-PX401 Datasheet
165Kb / 4P
   400 WATT AC/DC POWER SUPPLY
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
   100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
   25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
   10 Watt AC/DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com