Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX7-05-8 Datasheet(PDF) 10 Page - Power-One

Part # 40IMX7-05-8
Description  IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

40IMX7-05-8 Datasheet(HTML) 10 Page - Power-One

Back Button 40IMX7-05-8 Datasheet HTML 6Page - Power-One 40IMX7-05-8 Datasheet HTML 7Page - Power-One 40IMX7-05-8 Datasheet HTML 8Page - Power-One 40IMX7-05-8 Datasheet HTML 9Page - Power-One 40IMX7-05-8 Datasheet HTML 10Page - Power-One 40IMX7-05-8 Datasheet HTML 11Page - Power-One 40IMX7-05-8 Datasheet HTML 12Page - Power-One 40IMX7-05-8 Datasheet HTML 13Page - Power-One 40IMX7-05-8 Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
®
BCD20007-G Rev AD, 4-Nov-09
Page 10 of 15
www.power-one.com
IMX7/IMS7 DC-DC Series Data Sheet
7-Watt DC-DC Converters
Table 7: Vext for Vo = 75 to 105% Vo nom;
typical values (Vi nom, Io1 = Io2 = 0.5 Io1/2 nom)
Vo [% Vo nom]
Vext [V]
≥105
0
102
1.6
95
4.5
85
9
75
13
Single-output models with R-input:
The R input (pin 13) is referenced to the secondary side of the
converter. Adjustment of the output voltage is possible by
means of either an external resistor or a voltage source.
Fig. 13
Output voltage control with external resistor
R
Vo+
Vo–
Vi+
Vi–
R
ext2
R
ext1
06131
Fig. 14
Output voltage adjust for single-output models
R
Vo+
Vo-
+
V
ext
-
4 k
Ω
Vref = 2.5 V
Control
logic
R
ext1
R
ext 2
06029b
Vi–
Vi+
a) Adjustment by means of an external resistor:
Depending upon the value of the required output voltage,
a resistor Rext1 or Rext2 shall be connected as shown in the
figure below:
Either: Rext1 between the R pin and Vo– to achieve an
output voltage adjustment range of Vo = 75 to 100% of
Vo nom (85 to 100% for 3.3 V outputs):
Vo
Rext1
≈ 4 kΩ • –––––––––
Vo nom – Vo
or: Rext2 between the R pin and Vo+ to achieve an output
voltage range of approximately Vo = 100 to 105 % of Vo nom:
(Vo – 2.5 V)
Rext2
≈ 4 kΩ • ––––––––––––––––––
2.5 V • (Vo/Vo nom – 1)
b) Adjustment by means of an external voltage Vext between
Vo– and R pin.
The control voltage is 1.96 to 2.62 V and allows for
adjustment in the range of 75 to 105% of Vo nom.
Vo • 2.5 V
Vext
≈ ––––––––
Vo nom
Caution: Applying an external voltage >2.75 V may damage the
converter.
Note: Attempting to adjust the output below this range will cause
the converter to shut down (hiccup mode).
Trim
Vo1+
Vo2–
+
V
ext
Vi+
Vi–
R
ext
Vo1–
Vo2+
06089a
Control
circuit
Vref 2.5 V
Fig. 15
Output voltage adjust for double-output models
Double-output models with Trim input:
The Trim input (pin 4) of double-output models is referenced
to the primary side. The figure below shows the circuitry.
a) Adjustment by means of an external resistor Rext.
Programming of the output voltage by means of an
external resistor Rext1 is possible within a limited range of
100 to 105% Vo nom. Rext should be connected between pin
4 and Vi –. The following table indicates suitable resistor
values
for
typical
output
voltages
under
nominal
conditions (Vi nom, Io = 0.5 Io nom), with paralleled outputs or
equal load conditions on each output.
Caution: Connection of Rext to Vi+ may damage the converter.
Table 6: Rext for Vo > Vo nom
approximate values (Vi nom, Io1 = Io2 = 0.5 Io1/2 nom)
Vo [% Vo nom]
Rext [k
Ω
Ω
Ω
Ω
Ω]
105 to 108 (107 typically)
0
105
1.5
104
5.6
103
12
102
27
101
68
100
Adjustment of the output voltage is possible in the range of
100 to 105% of Vo nom using an external resistor, or in the range
of 75 to 105% of Vo nom using an external voltage source.
b) Adjustment by means of an external voltage source Vext.
For external output voltages in the range of 75 to 105% of
Vo nom a voltage source Vext (0 to 20 V) is required,
connected to the Trim-input (pin 4) and Vi–. The table
below indicates typical Vo versus Vext values under
nominal conditions (Vi nom, Io = 0.5 Io nom), with paralleled
outputs or equal load conditions on each output. Direct
paralleling of the Trim-inputs of converters connected in
parallel is feasible.
Note: Applying a control voltage greater than 20 V will set the
converter into a hiccup mode.


Similar Part No. - 40IMX7-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
40IMX7-05-8 BEL-40IMX7-05-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 40IMX7-05-8

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com