Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1123724-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1123724-4
Description  WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1123724-4 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1123724-4 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2-1123724-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1123076-0 MACOM-2-1123076-0 Datasheet
1Mb / 22P
   Easy connections to equipment
2-1123076-5 MACOM-2-1123076-5 Datasheet
1Mb / 22P
   Easy connections to equipment
2-1123309-2 MACOM-2-1123309-2 Datasheet
246Kb / 2P
   DOUBLE RW HEADER ASSY 4P
2-1123309-3 MACOM-2-1123309-3 Datasheet
246Kb / 2P
   DOUBLE ROW HEADER ASSY 4P(H TYPE)
More results

Similar Description - 2-1123724-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1123723-3 MACOM-1-1123723-3 Datasheet
232Kb / 4P
   AMP Economy Power (EP) Wire-to-Board Connector System
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Molex Electronics Ltd.
0359790440 MOLEX5-0359790440 Datasheet
107Kb / 3P
   7.92mm (.312") Pitch Wire-to-Board Header, Vertical, 4 Circuits
0359790310 MOLEX5-0359790310 Datasheet
107Kb / 3P
   7.92mm (.312") Pitch Wire-to-Board Header, Vertical, 3 Circuits
0359790314 MOLEX5-0359790314 Datasheet
107Kb / 3P
   7.92mm (.312") Pitch Wire-to-Board Header, Vertical, 3 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com